Electronic Components Datasheet Search
Selected language     English  â–¼


R-10E Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part No. R-10E
Description  Multi-Voltage Conventional Relays
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com
Logo 

   
 1 page
background image
Agency Listings
Multi-Voltage
Conventional Relays
System Sensor’s multi-voltage conventional relays
are used for high-current switching applications such
as fan and damper assembly control, door control,
air handling unit controls, and other types of system
interfacing.
Features
Multi-voltage operation
Activation LEDs
Easy and flexible installation
Reliable and robust design
Multipurpose field installations
Multi-voltage relays with terminal strip field wiring connections,
mounting track, and hardware for R-10T/20T and R-14T/24T
Removable front cover on steel enclosure for R-10E/R-20E and R-
14/R-24E, which mount inside the enclosure
LED viewing hole on top of the steel enclosure’s cover
Extra pair of wires for redundant power input on PR-3
Terminal strip field wiring connections, mounting track, and
hardware
•
•
•
•
•
•
•
•
•
•
The R-10T, R-20T, R-14T, and the R-24T models are multi-
voltage relays with terminal strip field wiring connections, mounting
track, and hardware. The R-10T is a single FORM–C (SPDT) relay with
a red activation LED, and the R-14T is a four-gang 1 FORM–C (SPDT)
relay with four red activation LEDs. The R-20T is a single 2 FORM–C
(DPDT) relay with a red activation LED, and the R-24T is a four-gang 2
FORM–C (DPDT) relay with four red activation LEDs.
The R-10E/R-20E and R-14E/R-24E are similar to the T-series
track mount relays, but they are mounted into a steel enclosure. The
enclosure has a removable front cover that provides easy access and
an LED viewing hole on the top of the cover.
PR-1/PR-2/PR-3 are epoxy encapsulated multi-voltage relays. They
are single-pole double-throw relays that use a red LED as a visible
indication of relay coil energization. PR–3 is
identical to PR–2, except it has an extra pair of wires for redundant
power input.
Model EOLR-1 is an epoxy encapsulated, single-pole single-throw,
normally open relay that can be used as an end of line device in fire
alarm systems, e.g. to supervise power supplies.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RN1A23A50Solid State Relays 1- and 2 Pole SOLITRON With Integrated Heatsink 1 2 3 4 5 List of Unclassifed Manufacturers
DUA52C724Monitoring Relays DC Under Voltage 1 2 List of Unclassifed Manufacturers
8001-05-001DIP Reed Relays 1 2 Coto Technology
NVF4-7NHG RELAYS 1 2 DB Lectro Inc
V23081PCB relays Twin relays 1 2 3 4 Tyco Electronics
MSR238Modular Monitoring Safety Relays 1 2 Allen-Bradley
MSR33RTMonitoring Safety Relays 1 2 Allen-Bradley
700-SFSolid-State Relays 1 2 3 4 Allen-Bradley
MLM-110Visible LED Conventional Brightness-GaP GaAsP and AlGaAs 1 2 Micro Electronics
FCA-210Mid-Range Military/Aerospace Relays 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl