Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDLA Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # MDLA
Description  Sync Circuit Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MDLA Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  MDLA Datasheet HTML 1Page - Systemsensor advanced ideas. MDLA Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-1007-005 • 6/07 • #1676
Horns and Chimes Silenced Over Two-Wire Circuit
1. Any mix of Horn/Strobes, Chime/Strobes or Strobe only devices is acceptable
2. Horn and chime control connects to interruptible power source
Current Draw and Ordering Information
Red
White
Voltage
Average Current (mA)
Peak Current (mA)
In-rush Current (mA)
DC
FWR
DC
FWR
DC
FWR
MDL,
MDLA (Canadian)
MDLW,
MDLWA (Canadian)
12
10
12
30
31
87
122
24
11
15
35
37
198
262
Sync•CircuitModule Specifications
Architectural/Engineering Specifications
Synchronization Circuit Module shall be a System Sensor Sync•Circuit Model _________ listed to UL464 and shall be approved for fire protective service. The
module shall synchronize SpectrAlert® strobes at 1 Hz and horns at temporal 3. Also, the module shall be capable of silencing the horns on horn/strobe models,
while operating the strobes, over a single pair of wires. The module shall be capable of mounting to a 411⁄16˝× 411⁄16˝× 21⁄8˝ back box and shall control two Style Y
(class B) or one Style Z (class A) circuit. The module shall be capable of multiple zone synchronization by connecting multiple modules together via a slave-in/
slave-out arrangement and re-synchronizing each other along the chain. Note: The module shall not operate on a coded power supply.
Physical Specifications
Dimensions
51⁄4˝ L × 51⁄4˝ W
Mounting
411⁄16˝ × 411⁄16˝ × 21⁄8˝ back box
Indoor Operating Temperature
32° to 120° F (0° to 49° C)
Electrical/Operating Specifications
Operating Voltage
12 or 24 VDC and FWR unfiltered
Operating Voltage Range (12 V)
9 to 17.5 VDC
Operating Voltage Range (24 V)
17 to 33 VDC
Maximum Load on Loop
3 Amps/zone
U.S. Patent Nos.
5,598,139
5,850,178
HORNS SILENCED OVER TWO WIRE CIRCUIT
MASTER MODULE HORN CONTROL CONNECTS
TO INTERRUPTABLE POWER SOURCE
SLAVE MODULE
NAC1
TO NEXT
SPECTRALERT
DEVICE OR
EOL
All SpectrAlert horns,
horn/strobes, and strobes
will operate in sync.
NAC2
(+)
(–)
(+)
(–)
}
}
}(+)
(–)
} (+)
(–)
(+)
(–)
(+)
(–)
}(+)
(–)
} (+)
(–)
}(+)
(–)
} (+)
(–)
HORN
CONTROL
ZONE 1
OUT
ZONE 1
IN
ZONE 2
IN
SLAVE
IN
ZONE 2
OUT
SYNC
ERROR
SLAVE
OUT
TEMP JUMPER OFF
FACP #2
TO NEXT
SPECTRALERT
DEVICE OR
EOL
TO NEXT
SPECTRALERT
DEVICE OR
EOL
NAC3
NAC2
MASTER MODULE
(+)
(–)
(+)
(–)
}
}
}(+)
(–)
(+)
(–)
} (+)
(–)
(+)
(–)
}(+)
(–)
} (+)
(–)
}(+)
(–)
} (+)
(–)
HORN
CONTROL
ZONE 1
OUT
ZONE 1
IN
ZONE 2
IN
SLAVE
IN
ZONE 2
OUT
SYNC
ERROR
SLAVE
OUT
TEMP JUMPER OFF
FACP #1
TO NEXT
SPECTRALERT
DEVICE OR
EOL
NAC1
(+)
(–)
EOL


Similar Part No. - MDLA

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MDLA GAMEWELL-FCI-MDLA Datasheet
247Kb / 4P
   MDL, MDLW Sync Modules for SpectrAlert Series
More results

Similar Description - MDLA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1539 NTE-NTE1539 Datasheet
21Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
logo
White Electronic Design...
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
logo
NTE Electronics
NTE7123 NTE-NTE7123 Datasheet
72Kb / 3P
   Integrated Circuit Sync Deflection Circuit for Color TV
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
logo
NTE Electronics
NTE1629 NTE-NTE1629 Datasheet
18Kb / 2P
   Integrated Circuit TV Sync Separator Detector
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
NTE1632 NTE-NTE1632 Datasheet
109Kb / 5P
   Integrated Circuit Vertical/Horizontal Sync Separator
NTE1535 NTE-NTE1535 Datasheet
20Kb / 2P
   Integrated Circuit TV Sync. Horizontal/Vertical OSC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com