Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M500R Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # M500R
Description  Intelligent Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

M500R Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  M500R Datasheet HTML 1Page - Systemsensor advanced ideas. M500R Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2007SystemSensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-1029-004•10/08•#2050
2-wire detectors being monitored must be UL or ULC compatible
with the module. The M502M module is addressed through the
communication line of an intelligent system. It transmits the status
of one zone of 2-wire detectors to the fire alarm control panel. Status
conditions are reported as normal, open, or alarm. The interface
module supervises the zone of detectors and the connection of the
external power supply.
M500S Control Module
The M500S Control Module provides supervised monitoring of
wiring to load devices that require an external power supply to
operate, such as horns, strobes, or bells. It is capable of Styles Y and
Z supervision. Upon command from the control panel, the M500S
module will disconnect the supervision and connect the external
power supply across the load device. The disconnection of the
supervision provides a verification to the panel that the control relay
actually turned on. The external power supply is always relay isolated
from the communication loop, so that a trouble condition on the
power supply will never interfere with the rest of the system. Full
analog measurement of the supervised wiring is transmitted back to
the panel and can be used to detect impedance changes or other
special test functions.
continued
500 Series Intelligent Module Specifications
General Specifications
Operating Voltage
15 to 32 VDC
Communication Line Loop
Impedance
40 Ω max.
Temperature Range
32°Fto120°F(0°to49°C)
Relative Humidity
10%to93%noncondensing
Shipping Weight
M501M:1.2oz(37g)
Others:6.3oz(196g)
Dimensions
M501M:2.7inW×1.7inH×0.5inD
Others:4.25inW×4.65inH×1.1inD
Specifications, M502M
Standby Current
300 µA max @ 24 VDC (one
communication every 5 sec. with LED
enabled)
External Power Supply
18 to 28 VDC (100 mV ripple max.)
End-of-Line Resistance
3.8 kΩ (included)
External Supply Standby Current 11.5 mA @ 24 VDC (nominal)
External Supply Alarm Current
80 mA @ 24 VDC (nominal)
Specifications, M500R
Standby Current
300 µA max @ 24 VDC (one
communication every 5 sec. with LED
enabled)
LED Current
5.5 mA (with LED latched on)
Relay Contact Ratings
3.0 A @ 30 VDC resistive
0.9A@110VDCresistive
0.9A@125VACresistive
0.5 A @ 125 VAC inductive (PF=.35)
0.7A@75VACinductive(PF=.35)
M500R Relay Module
The M500R Relay Module contains two isolated sets of Form C
contacts, which operate as a DPDT switch. The module allows the
control panel to switch these contacts on command. No supervision
is provided for the notification appliance circuit.
M500DR Dual Audio Riser Module
The M500DR module is a special applications control module that is
designed to supervise a loop of speakers under normal conditions.
When commanded by the control panel, the module then connects
either of two audio amplifier circuits to the speakers. In this way,
two separate audio messages can be broadcast over a single set of
speakers with a single module.
M500FP Firefighter Phone Module
The M500FP module is intended to monitor and control a loop of
firefighter phones. It has the ability to differentiate between normal,
off-hook, and trouble conditions. When taken off-hook, a phone will
immediately receive a ringing tone, and the panel will receive an off-
hook indication. The panel can then connect that off-hook phone to
the main riser for the system.
Specifications, M500X
Standby Current
450 µA max.
Isolation Impedance
2.25kΩto2.9kΩ
Fault Detection Delay
250 ms min.
Fault Detection Threshold
4 Volts
Line Restoration Threshold
7Volts
Specifications, M500DM
Standby Current
750µA max. @ 24 VDC (one
communication every 5 sec. with
47kEOL)
Alarm Current
970µA max. (one communication every
5sec.);6mA(withLEDlatchedon)
End-of-Line Resistance
47kΩ(twoincluded)
Specifications, M500M, M500S, M501M
Standby Current
400 µA max @ 24 VDC (one
communication every 5 sec. with
47kEOL);550µA max @ 24 VDC (one
communication every 5 sec. with
EOL<1k); 5.5 mA (with LED latched on)
End-of-Line Resistance
47kΩ(included)
Specifications, M500FP
Standby Current
2.4 mA max. (one communication every
5 sec. with LED enabled)
Comm. Line Current
4.0 mA max. (no communication, LED
off, 1200 Ω phone)
Acceptable Phone Resistance
1200 Ω (nominal)
End-of-Line Resistance
3.9kΩ(included)


Similar Part No. - M500R

ManufacturerPart #DatasheetDescription
logo
NEC
M500 NEC-M500 Datasheet
1Mb / 2P
   SAN Storage Array
logo
Heyco.
M5000 HEYCO-M5000 Datasheet
185Kb / 1P
   Tite Aluminum Liquid Tight Cordgrips
logo
Amphenol Aerospace Oper...
M5000-029-0000 AAO-M5000-029-0000 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
M5000-029-0004 AAO-M5000-029-0004 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
M5000-029-0008 AAO-M5000-029-0008 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results

Similar Description - M500R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
logo
Crystalfontz America, I...
CFA632 CRYSTAIFONTZ-CFA632 Datasheet
5Mb / 54P
   INTELLIGENT LCD MODULES
logo
Mitsubishi Electric Sem...
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com