Electronic Components Datasheet Search
Selected language     English  ▼


CD54AC161 Datasheet(PDF) 6 Page - Texas Instruments

Part No. CD54AC161
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
CD54AC161, CD74AC161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS239C – SEPTEMBER 1998 – REVISED MARCH 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 V or VI > VCC) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 V or VO > VCC) (see Note 2)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO > 0 V or VO < VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): E package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4)
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
1.5
5.5
1.5
5.5
1.5
5.5
V
VCC = 1.5 V
1.2
1.2
1.2
VIH
High-level input voltage
VCC = 3 V
2.1
2.1
2.1
V
VCC = 5.5 V
3.85
3.85
3.85
VCC = 1.5 V
0.3
0.3
0.3
VIL
Low-level input voltage
VCC = 3 V
0.9
0.9
0.9
V
VCC = 5.5 V
1.65
1.65
1.65
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level output current
–24
–24
–24
mA
IOL
Low-level output current
24
24
24
mA
∆t/∆v
Input transition rise or fall rate
VCC = 1.5 V to 3 V
50
50
50
ns
∆t/∆v
Input transition rise or fall rate
VCC = 3.6 V to 5.5 V
20
20
20
ns
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54HC1914-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
IDT54FCT163TFAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER 1 2 3 4 5 MoreIntegrated Device Technology
CD74AC2834-Bit Binary Fill Adder With Fast Carry 1 2 3 4 5 MoreTexas Instruments
SY10E0168-BIT SYNCHRONOUS BINARY UP COUNTER 1 2 3 4 5 MoreMicrel Semiconductor
SN54LV4040A12-BIT ASYNCHRONOUS BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
74VHC393Dual 4-Bit Binary Counter 1 2 3 4 5 MoreFairchild Semiconductor
SN74LV163A4BIT SYNCHRONOUS BINARY 1 2 3 4 5 MoreTexas Instruments
HM51W164004 194 304-word x 4-bit Dynamic RAM 1 2 3 4 5 MoreHitachi Semiconductor
NCP1570Low Voltage Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
IRDCIP1201-A300kHz Dual 15A 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl