Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC161 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54AC161
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC161 Datasheet(HTML) 1 Page - Texas Instruments

  CD54AC161 Datasheet HTML 1Page - Texas Instruments CD54AC161 Datasheet HTML 2Page - Texas Instruments CD54AC161 Datasheet HTML 3Page - Texas Instruments CD54AC161 Datasheet HTML 4Page - Texas Instruments CD54AC161 Datasheet HTML 5Page - Texas Instruments CD54AC161 Datasheet HTML 6Page - Texas Instruments CD54AC161 Datasheet HTML 7Page - Texas Instruments CD54AC161 Datasheet HTML 8Page - Texas Instruments CD54AC161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CD54AC161, CD74AC161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS239C – SEPTEMBER 1998 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Internal Look-Ahead for Fast Counting
D Carry Output for n-Bit Cascading
D Synchronous Counting
D Synchronously Programmable
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection per
MIL-STD-883, Method 3015
description/ordering information
The ’AC161 devices are 4-bit binary counters.
These synchronous, presettable counters feature
an internal carry look-ahead for application in
high-speed counting These devices are fully programmable; that is, they can be preset to any number between
0 and 9 or 15. Presetting is synchronous; therefore, setting up a low level at the load input disables the counter
and causes the outputs to agree with the setup data after the next clock pulse, regardless of the levels of the
enable inputs.
The clear function is asynchronous. A low level at the clear (CLR) input sets all four of the flip-flop outputs low,
regardless of the levels of the CLK, load (LOAD), or enable inputs.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. Instrumental in accomplishing this function are ENP, ENT, and a ripple-carry output (RCO).
Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. Enabling RCO produces a
high-level pulse while the count is maximum (9 or 15, with QA high). This high-level overflow ripple-carry pulse
can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the
level of CLK.
The counters feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that
modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of
the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the
stable setup and hold times.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74AC161E
CD74AC161E
55
°Cto125°C
SOIC
M
Tube
CD74AC161M
AC161M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74AC161M96
AC161M
CDIP – F
Tube
CD54AC161F3A
CD54AC161F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB
design guidelines are available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
CD54AC161 ...F PACKAGE
CD74AC161 ...E OR M PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD54AC161

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC161 INTERSIL-CD54AC161 Datasheet
10Kb / 1P
   Synchronous Presettable Binary Counters
June 1997
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Intersil Corporation
CD54AC1613A INTERSIL-CD54AC1613A Datasheet
10Kb / 1P
   Synchronous Presettable Binary Counters
June 1997
logo
Texas Instruments
CD54AC161F3A TI-CD54AC161F3A Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - CD54AC161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com