Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS14 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # RS14
Description  High-Temperature Duct Smoke Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

RS14 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  RS14 Datasheet HTML 1Page - Systemsensor advanced ideas. RS14 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature range 32° – 158°F (0° – 70°C)
Air velocity rating from 500 – 4,000 FPM
24 VAC/DC or 120/220 VAC operation
Easy and quick mounting to round or rectangular
ducts from 1′ – 12′ (0.3 – 3.7 meters) wide
3-year warranty
Models Available
DH400ACDCIHT
4-wireionizationhigh-temperatureduct
smokedetector
Product Overview
duct to provide dependable performance for management
of fans, blowers, and air conditioning systems. The twist-in,
twist-out 1451DHHT High-Temperature ionization detec-
tor head allows easy removal for quick cleaning, mainte-
nance, and replacement without removing the duct housing.
400 Series
High-Temperature
Duct Smoke Detector
H
V A
C
S
y
S
t
e
m
S
m
o
n
i
t
o
r
i
n
g
System Sensor DH400ACDCIHT is designed for interior
or exterior duct applications where extreme temperatures
can exceed standard detector capabilities. (For exterior
applications use DH400 OE-1 outdoor enclosure.) The
DH400ACDCIHT samples air currents passing through a
Accessories
System Sensor provides system flexibility with a variety of
accessories, including two remote test stations, and several
different means of visible and audible system annunciation.
As with our duct detectors, all duct detector accessories are
UL listed.
APA451
Piezo
Annunciator
ALARM
POWER
RTS451KEY
Remote Test
Station with Key
ALARM
ON
RESET
TEST
PA400W with
PS24LOW Add-on Strobe
F
I
R
E
RTS451
Remote Test
Station
ALARM
RESET
RA400Z
Remote
Annunciator
Agency Listings
DH400ACDCIHT
ULS911
APA451
ULS4011
RTS451KEY
ULS2522
RTS451
ULS2522
RA400Z
ULS2522
PA400W
ULS3593


Similar Part No. - RS14

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RS14 SYSTEMSENSOR-RS14 Datasheet
123Kb / 4P
   500 Series Intelligent Sensors with Integral Communications
logo
TEMEX
RS1490D TEMEX-RS1490D Datasheet
668Kb / 10P
   High Performance Discrete Crystal Clock Oscillator
RS1490HF TEMEX-RS1490HF Datasheet
667Kb / 10P
   High Performance High Frequency Fundamental Crystal Clock Oscillator
RS1490M TEMEX-RS1490M Datasheet
666Kb / 9P
   High Performance non-PLL Crystal Clock Oscillator
RS1490P TEMEX-RS1490P Datasheet
667Kb / 9P
   High Performance PLL Crystal Clock Oscillator
More results

Similar Description - RS14

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
7251DH SYSTEMSENSOR-7251DH Datasheet
195Kb / 2P
   High Sensitivity Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
B404B SYSTEMSENSOR-B404B Datasheet
343Kb / 4P
   Duct Smoke Detector for Special Applications
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
   4-Wire Photoelectric Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com