Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC08M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC08M
Description  Quad 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC08M Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC08M Datasheet HTML 1Page - Texas Instruments CD74AC08M Datasheet HTML 2Page - Texas Instruments CD74AC08M Datasheet HTML 3Page - Texas Instruments CD74AC08M Datasheet HTML 4Page - Texas Instruments CD74AC08M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS226A
Features
• Buffered Inputs
• Typical Propagation Delay
- 4.3ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The ’AC08 and ’ACT08 are quad 2-input AND gates that utilize
Advanced CMOS Logic technology.
Pinout
CD54AC08, CD54ACT08
(CERDIP)
CD74AC08, CD74ACT08
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD54AC08F3A
-55 to 125
14 Ld CERDIP
CD74AC08E
-55 to 125
14 Ld PDIP
CD74AC08M
-55 to 125
14 Ld SOIC
CD54ACT08F3A
-55 to 125
14 Ld CERDIP
CD74ACT08M
-55 to 125
14 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your TI local sales office or cus-
tomer service for ordering information.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TRUTH TABLE
INPUTS
OUTPUTS
nA
nB
nY
LLL
HL
L
LHL
HHH
1A
1B
2A
2B
2Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
4Y
3Y
3B
4A
4B
10
8
7
9
3A
1Y
September 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated
CD54/74AC08,
CD54/74ACT08
Quad 2-Input AND Gate
[ /Title
(CD74
AC08,
CD74
ACT08
)
/Sub-
ject
(Quad
2-Input
AND
Gate)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan
ced
TTL)
/Cre-
ator ()


Similar Part No. - CD74AC08M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC08M TI1-CD74AC08M Datasheet
882Kb / 14P
[Old version datasheet]   AC Types Feature 1.5-V to 5.5-V Operation
CD74AC08M96 TI1-CD74AC08M96 Datasheet
882Kb / 14P
[Old version datasheet]   AC Types Feature 1.5-V to 5.5-V Operation
CD74AC08M96E4 TI1-CD74AC08M96E4 Datasheet
882Kb / 14P
[Old version datasheet]   AC Types Feature 1.5-V to 5.5-V Operation
CD74AC08M96G4 TI1-CD74AC08M96G4 Datasheet
882Kb / 14P
[Old version datasheet]   AC Types Feature 1.5-V to 5.5-V Operation
CD74AC08MG4 TI1-CD74AC08MG4 Datasheet
882Kb / 14P
[Old version datasheet]   AC Types Feature 1.5-V to 5.5-V Operation
More results

Similar Description - CD74AC08M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com