Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHD-2N-2.1G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHD-2N-2.1G
Description  QUAD HYBRID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHD-2N-2.1G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHD-2N-2.1G Datasheet HTML 1Page - Merrimac Industries, Inc. QHD-2N-2.1G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY RANGE
MHz
INSERTION LOSS
(dB MAX)
AMPLITUDE BALANCE
(dB MAX)
PHASE BALANCE
(DEGREES)
1800 - 2500
0.16
± 0.3
90 ± 3°
ISOLATION
(dB MIN)
VSWR
(MAX,
ALL PORTS)
INPUT POWER
(CW @ 1.2:1 LOAD VSWR)
RF
INTERFACE
OPERATING TEMPERATURE
23
1.18:1
400
Surface Mount
-55° C to +85° C
QUAD HYBRID
FEATURES
APPLICATIONS
• 1.8 - 2.5 GHz
• WCDMA BASE STATION
• LOW LOSS
RF SUBSYSTEMS
• HIGH ISOLATION
• SATCOM
• EXCELLENT PHASE/AMPLITUDE BALANCE
• SURFACE MOUNT
The Multi-Mix
® QHD series provides a 3 dB 90° coupling with low insertion loss, low VSWR, and high
isolation. Accurate phase and amplitude balance make this series ideal for use in IQ networks, power
amplifiers, radio transceivers, receiver multicouplers and RF signal distribution and processing.
QHD quad hybrids are fusion bonded multilayer stripline devices. The fusion bonding process yields a
homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical performance that
is superior to conventional adhesive bonding techniques.
QHD-2N-2.1G
TECHNICAL DESCRIPTION
REV: 003, 06/19/06
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO 9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
U.S. Patent 6,099,677 and other Patents Pending.
GENERAL SPECIFICATIONS
PACKAGE OUTLINE
.024
[0.61]
.05
[1.27]
.040
0.650
[16.51]
0.480
[12.19]
0.143
[3.63]
PORT 1
PORT 4
PORT 2
PORT 3
QHD-2N-2.1G


Similar Part No. - QHD-2N-2.1G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHD-2N-0.45G MERRIMAC-QHD-2N-0.45G Datasheet
126Kb / 2P
   QUAD HYBRID
QHD-2N-0.56G MERRIMAC-QHD-2N-0.56G Datasheet
141Kb / 2P
   QUAD HYBRID
More results

Similar Description - QHD-2N-2.1G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2BH-0.33G MERRIMAC-QHDZ-2BH-0.33G Datasheet
156Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.1G MERRIMAC-QHDZ-2H-1.1G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2H-1.9G MERRIMAC-QHD-2H-1.9G Datasheet
143Kb / 2P
   QUAD HYBRID
QHD-2H-3.0G MERRIMAC-QHD-2H-3.0G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2H-1.85G MERRIMAC-QHD-2H-1.85G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2M-3.0G MERRIMAC-QHD-2M-3.0G Datasheet
133Kb / 5P
   QUAD HYBRID
QHD-2SH-1.9G MERRIMAC-QHD-2SH-1.9G Datasheet
158Kb / 2P
   QUAD HYBRID
QHD-2Z-3.5G MERRIMAC-QHD-2Z-3.5G Datasheet
163Kb / 2P
   QUAD HYBRID
QHD-3C-1.11G MERRIMAC-QHD-3C-1.11G Datasheet
94Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.5G MERRIMAC-QHDZ-2H-1.5G Datasheet
165Kb / 2P
   QUAD HYBRID
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com