Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6924 Datasheet(PDF) 9 Page - Systemsensor advanced ideas.

Part # 6924
Description  Projected Beam Type Smoke Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

6924 Datasheet(HTML) 9 Page - Systemsensor advanced ideas.

Back Button 6924 Datasheet HTML 4Page - Systemsensor advanced ideas. 6924 Datasheet HTML 5Page - Systemsensor advanced ideas. 6924 Datasheet HTML 6Page - Systemsensor advanced ideas. 6924 Datasheet HTML 7Page - Systemsensor advanced ideas. 6924 Datasheet HTML 8Page - Systemsensor advanced ideas. 6924 Datasheet HTML 9Page - Systemsensor advanced ideas. 6924 Datasheet HTML 10Page - Systemsensor advanced ideas. 6924 Datasheet HTML 11Page - Systemsensor advanced ideas. 6924 Datasheet HTML 12Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4 RED LEDs USED
FOR ALIGNMENT
GREEN: FLASHES APPROXIMATELY EVERY
2 SECONDS IF POWERED UP AND
SENSING A SAFE CONDITION.
YELLOW: TURNS ON WHILE A TROUBLE
CONDITION EXISTS.
RED: TURNS ON IF AN ALARM
CONDITION IS SENSED.
LATCHES ON UNTIL RESET.
NOT USED
RECEIVER:
TRANSMITTER:
C0550-00
Figure 17. Alignment adjust pot (receiver only):
ALIGNMENT LEDs
ALIGNMENT ADJUST POT
(RECEIVER ONLY)
MAX.
MIN.
C0551-00
CAUTION
The clear protective film and warning label on the smoked
lens of both the receiver and transmitter MUST be removed
before they can operate.
The alignment of the 6424 is divided into three steps:
alignment setup, alignment of the transmitter, and align-
ment of the receiver. It is necessary for all three steps to
be executed properly to ensure proper alignment of the
product. If the 6424 is mounted to a recommended surface
(see MOUNTING LOCATIONS) and alignment procedures
are executed properly, false alarms and nuisance trouble
signals will be avoided. The alignment procedure is best
accomplished by two individuals. This allows the adjust-
ment of the gain pot on the receiver during alignment of the
transmitter without the need for several trips back and forth
between the transmitter and receiver.
A) ALIGNMENT SETUP:
1) At the transmitter, select the proper range using the
range selection switch (SW2) on the transmitter.
Short Range (S): 30 to 100 feet
Long Range (L): 100 to 330 feet
2) If the transmitter is directly wired to the receiver (Figure
7), slide the alignment switch (SW1) on the transmitter
to the A (align) position (see Figure 15). Point the trans-
mitter directly at the receiver, then go to step 5.
3) If the transmitter is wired directly to a power supply, it
should be temporarily wired to the receiver if possible
(see Figure 8). NOTE: Temporarily wiring the transmit-
ter to the receiver is beneficial because it activates the
alignment LEDs on the transmitter to allow alignment
of the transmitter without having to look at the align-
ment LEDs on the receiver.
4) If the transmitter is not wired directly to the receiver,
make sure the SW1 switch remains in the N (normal)
position (see Figure 15) before going to step 5. Point
the transmitter directly at the receiver.
5) At the receiver, select the proper sensitivity using the
switch on the back of the receiver (see Figure 14). The
sensitivity selected depends on the separation of the
transmitter and receiver. The sensitivities and ranges
shown are in accordance with UL standard 286, Smoke
Detectors for Fire Protective Signaling Systems.
SENSITIVITY
DISTANCE
30%
30 to 92 feet
30% or 55%
92 to 178 feet
(30% is more sensitive)
55%
178 to 330 feet
6) Using a small standard screwdriver, make sure the align-
ment adjust pot on the receiver (see Figure 17) is turned
fully counterclockwise, looking at it from the bottom
(maximum gain). The alignment adjust pot changes the
gain of the amplifier to compensate for differences in
separation between the receiver and transmitter and has
no effect on the detector sensitivity.
7) Turn on power to the system.
8) Slide the alignment switch on the receiver to A (see
Figure 14). The yellow trouble LED should light to
D400-18-00
9
I56-494-13R
PRINTED IN MEXICO


Similar Part No. - 6924

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692 MARL-692 Datasheet
417Kb / 4P
   횠12.7mm mounting Black anodised aluminium housing
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
692-501-04-15 MARL-692-501-04-15 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
692-501-04-19 MARL-692-501-04-19 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
692-501-20 MARL-692-501-20 Datasheet
417Kb / 4P
   횠12.7mm mounting Black anodised aluminium housing
More results

Similar Description - 6924

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
BEAM1224 SYSTEMSENSOR-BEAM1224 Datasheet
1Mb / 13P
   Single-ended Reflected Type Projected Beam Smoke Detector
logo
Gamewell-FCI by Honeywe...
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
   Reflective Beam Smoke Detector
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
   Intelligent beam smoke detector
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
   Laser Smoke Detector
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
logo
Gamewell-FCI by Honeywe...
ABD-2F GAMEWELL-FCI-ABD-2F Datasheet
67Kb / 2P
   Single-ended reflected type beam smoke sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
63Kb / 2P
   Single-Ended Reflected Type Beam Smoke Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com