Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHD-2SH-1.9G Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # QHD-2SH-1.9G
Description  QUAD HYBRID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHD-2SH-1.9G Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  QHD-2SH-1.9G Datasheet HTML 1Page - Merrimac Industries, Inc. QHD-2SH-1.9G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
MOUNTING CONFIGURATION
0.200
[5.08]
50 OHM LINE
.032 DIELECTRIC THICKNESS
ER= 3.38
Ground plane of unit should
be soldered to ground plane
of circuit board for optimum
performance
GROUND VIAS
PLATED THRU
0.100
[2.54]
0.447
[11.35]
0.050
[1.27]
0.068
[1.73]
0.034 typ. [0.86]
GROUND PLANE
0.0630
[1.60]
Coupling
-4
-3.8
-3.6
-3.4
-3.2
-3
-2.8
-2.6
-2.4
-2.2
-2
1700
1730
1760
1790
1820
1850
1880
1910
1940
1970
2000
Frequency (MHz)
Direct
Coupled
VSWR
1
1.1
1.2
1.3
1.4
1.5
1700
1730
1760
1790
1820
1850
1880
1910
1940
1970
2000
Frequency (MHz)
Port 1
Port 2
Port 3
Port 4
Phase Balance
-95
-94
-93
-92
-91
-90
-89
-88
-87
-86
-85
1700
1730
1760
1790
1820
1850
1880
1910
1940
1970
2000
Frequency (MHz)
Isolation
-40
-35
-30
-25
-20
-15
-10
-5
0
1700
1730
1760
1790
1820
1850
1880
1910
1940
1970
2000
Frequency (MHz)
TRUTH TABLE
1
2
3
4
1
Input
Iso
-90°
2
Iso
Input
-90°
3
-90°
Input
Iso
4
-90°
Iso
Input


Similar Part No. - QHD-2SH-1.9G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHD-2SH-2.14G MERRIMAC-QHD-2SH-2.14G Datasheet
113Kb / 2P
   QUAD HYBRID
More results

Similar Description - QHD-2SH-1.9G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2BH-0.33G MERRIMAC-QHDZ-2BH-0.33G Datasheet
156Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.1G MERRIMAC-QHDZ-2H-1.1G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2H-1.9G MERRIMAC-QHD-2H-1.9G Datasheet
143Kb / 2P
   QUAD HYBRID
QHD-2H-3.0G MERRIMAC-QHD-2H-3.0G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2H-1.85G MERRIMAC-QHD-2H-1.85G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2M-3.0G MERRIMAC-QHD-2M-3.0G Datasheet
133Kb / 5P
   QUAD HYBRID
QHD-2N-2.1G MERRIMAC-QHD-2N-2.1G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2Z-3.5G MERRIMAC-QHD-2Z-3.5G Datasheet
163Kb / 2P
   QUAD HYBRID
QHD-3C-1.11G MERRIMAC-QHD-3C-1.11G Datasheet
94Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.5G MERRIMAC-QHDZ-2H-1.5G Datasheet
165Kb / 2P
   QUAD HYBRID
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com