|
| B116LP |
|
||
|
SYSTEMSENSOR |
|
4 page
D150-01-00 4 I56-599-03R © 2001 System Sensor Three-Year Limited Warranty System Sensor warrants its enclosed smoke detector base to be free from defects in materials and workmanship under normal use and service for a period of three years from date of manufacture. System Sensor makes no other express warranty for this smoke detector base. No agent, represen- tative, dealer, or employee of the Company has the authority to increase or alter the obligations or limitations of this Warranty. The Company’s obligation of this Warranty shall be limited to the repair or replacement of any part of the smoke detector base which is found to be defective in materials or workmanship under normal use and service during the three year period commencing with the date of manufacture. After phoning System Sensor’s toll free number 800-SENSOR2 (736-7672) for a Return Authorization number, send defective units postage prepaid to: System Sensor, Repair Department, RA #__________, 3825 Ohio Avenue, St. Charles, IL 60174. Please include a note describing the malfunction and suspected cause of failure. The Company shall not be obligated to repair or replace units which are found to be defective because of damage, unreasonable use, modifications, or alterations occurring after the date of manufacture. In no case shall the Company be liable for any consequen- tial or incidental damages for breach of this or any other Warranty, expressed or implied whatsoever, even if the loss or damage is caused by the Company’s negligence or fault. Some states do not allow the exclusion or limitation of incidental or consequential damages, so the above limita- tion or exclusion may not apply to you. This Warranty gives you specific legal rights, and you may also have other rights which vary from state to state. Please refer to insert for the Limitations of Fire Alarm Systems |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B406B | Plug-in Detector Base | 1 2 3 4 | Systemsensor advanced ideas. |
| B110LP | Plug-in Detector Base | 1 2 3 4 | Systemsensor advanced ideas. |
| B110RLP | Plug-in Detector Base | 1 2 3 4 | Systemsensor advanced ideas. |
| B112LP | Plug-in Detector Base | 1 2 3 4 | Systemsensor advanced ideas. |
| B114LP | Plug-in Detector Base | 1 2 | Systemsensor advanced ideas. |
| 7251 | Low-Profile Plug-in Intelligent Laser Smoke Detector | 1 2 | Systemsensor advanced ideas. |
| 1451A | Plug-in Smoke Detector | 1 2 3 4 | Systemsensor advanced ideas. |
| 4451HT | Plug-in 190°F Thermal Detector | 1 2 | Systemsensor advanced ideas. |
| IL205AT_05 | Optocoupler Phototransistor Output With Base Connection in SOIC-8 package | 1 2 3 4 5 More | Vishay Siliconix |
| TPR175 | high power COMMON BASE bipolar transistor. | 1 2 3 | GHz Technology |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |