Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME28-461W Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # FME28-461W
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FME28-461W Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button FME28-461W Datasheet HTML 5Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 6Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 7Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 8Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 9Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 10Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 11Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 12Page - Crane Aerospace & Electronics. FME28-461W Datasheet HTML 13Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
B8-39
CASE V
CASES
3.45 (87.6) Reference
(lead center to lead center)
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
0.128 dia (3.25)
0.040 dia
(1.02)
PIN-SIDE VIEW CASE V*
Flanged case, down leaded)
MOR Series and FME EMI Filters: Screening – Standard, ES, or 883
Also available in U2, W, Y, and Z cases (Figures 56 and 58 - 60)
*Requires case option designator added to model number: MOR2805SV
See Section A5, Ordering Information.
1
2
3
4
5
6
12
11
10
9
8
7
Maximum dimensions: 3.005 x 1.505 (76.33 x 38.23 mm)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Angled corner
indicates pin one.
FIGURE 57: CASE V


Similar Part No. - FME28-461W

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME28-461W/883 INTERPOINT-FME28-461W/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME28-461W/883 INTERPOINT-FME28-461W/883 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
More results

Similar Description - FME28-461W

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com