Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME28-461V Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # FME28-461V
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FME28-461V Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button FME28-461V Datasheet HTML 2Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 3Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 4Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 5Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 6Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 7Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 8Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 9Page - Crane Aerospace & Electronics. FME28-461V Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
B3-12
Typical Performance Curves: 25°C Tc , nominal Vin, unless otherwise specified.
FIGURE 11
FREQUENCY (kHz)
1.0
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
100
DC BIAS: 10 AMP
FME28-461 OUTPUT IMPEDANCE
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
CE03
LIMIT
NARROWBAND
FIGURE 8
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
NARROWBAND
CE03
LIMIT
FIGURE 9
FIGURE 10
FREQUENCY (kHz)
1.0
10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
100
DC BIAS: 1 AMP
FME28-461 OUTPUT IMPEDANCE
FMD/FME EMI FILTER
0.7 TO 15 AMP
EMI INPUT FILTERS
Three paralleled and synchronized MFL2815D
converters without filtering.
Three paralleled and synchronized MFL2815D
converters with an FME28-461.
22021-001-DTS Rev B (CaseJ4)
DQ# 4002
All technical information is believed to be accurate, but no responsibility is assumed for
errors or omissions. Interpoint reserves the right to make changes in products or spec-
ifications without notice. FMD Series and FME Series are trademarks of Interpoint.
Copyright © 1992 - 1999 Interpoint. All rights reserved.


Similar Part No. - FME28-461V

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME28-461V/883 INTERPOINT-FME28-461V/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME28-461V/883 INTERPOINT-FME28-461V/883 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
More results

Similar Description - FME28-461V

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com