Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-966 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-966
Description  T1/CEPT PULSE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-966 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-966 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
PARAMETER
MIN.
TYP.
MAX.
UNITS
Open Circuit Inductance
3.5
5
6.5
mHy
Primary DC Resistance
1.0
ohms
Secondary DC Resistance
1.0
ohms
Isolation (HI-POT)
1.5
KV
RMS
TEST CONDITIONS:
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz
Inductance measured on Primary winding. Pins 1 - 4. with 2-3 shorted.
1 OF 1
11/12/99
T-966
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Temperature Characteristics:
-40o C 3 mH min. (40% drop in
inductance)
+85o C 5.75 mH min. (15% growth
in inductance)
Typical part:
5 mH @ +25o C
5.75 mH @ +85o C
3.5 mH @ -40o C
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
Turns Ratio ( + 5% )
1 :1
Parts shipped in anti-static
tubes. 44 pieces per tube
Tape & Reel
Available
T1/CEPT PULSE TRANSFORMER
www.rhombus-ind.com
MAX.
.260
(6.60)
MAX.
.300
(7.62)
MAX.
.410
(10.41)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.510 (12.95)
.480 (12.19)
MAX.
.410
(10.41)
.040
(1.02)
TYP.
.010
(0.25)
TYP.
SCHEMATIC DIAGRAM:
Top view
8
1
7
5
4
2
3
6


Similar Part No. - T-966

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-969 RHOMBUS-IND-T-969 Datasheet
38Kb / 1P
   PULSE TRANSFORMER
More results

Similar Description - T-966

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-10305 RHOMBUS-IND-T-10305 Datasheet
30Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10310 RHOMBUS-IND-T-10310 Datasheet
31Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10323 RHOMBUS-IND-T-10323 Datasheet
32Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10325 RHOMBUS-IND-T-10325 Datasheet
31Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10220 RHOMBUS-IND-T-10220 Datasheet
30Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10321 RHOMBUS-IND-T-10321 Datasheet
31Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10324 RHOMBUS-IND-T-10324 Datasheet
30Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10320 RHOMBUS-IND-T-10320 Datasheet
32Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10206 RHOMBUS-IND-T-10206 Datasheet
29Kb / 1P
   T1/CEPT PULSE TRANSFORMER
T-10210 RHOMBUS-IND-T-10210 Datasheet
29Kb / 1P
   T1/CEPT PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com