Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC04 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC04
Description  High Speed CMOS Logic Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC04 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC04 Datasheet HTML 1Page - Texas Instruments CD54HC04 Datasheet HTML 2Page - Texas Instruments CD54HC04 Datasheet HTML 3Page - Texas Instruments CD54HC04 Datasheet HTML 4Page - Texas Instruments CD54HC04 Datasheet HTML 5Page - Texas Instruments CD54HC04 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS117
Features
• Buffered Inputs
• Typical Propagation Delay: 6ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD54HC04, CD54HCT04, CD74HC04 and
CD74HCT04 logic gates utilize silicon gate CMOS technol-
ogy to achieve operating speeds similar to LSTTL gates with
the low power consumption of standard CMOS integrated
circuits. All devices have the ability to drive 10 LSTTL loads.
The 74HCT logic family is functionally pin compatible with
the standard 74LS logic family.
Pinout
CD54HC04, CD54HCT04, CD74HC04, CD74HCT04
(PDIP, CERDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC04E
-55 to 125
14 Ld PDIP
E14.3
CD74HCT04E
-55 to 125
14 Ld PDIP
E14.3
CD74HC04M
-55 to 125
14 Ld SOIC
M14.15
CD74HCT04M
-55 to 125
14 Ld SOIC
M14.15
CD54HC04F
-55 to 125
14 Ld CERDIP
F14.3
CD54HCT04F
-55 to 125
14 Ld CERDIP
F14.3
CD54HC04W
-55 to 125
Wafer
CD54HCT04W
-55 to 125
Wafer
CD54HC04H
-55 to 125
Die
CD54HCT04H
-55 to 125
Die
NOTE:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
1471.1
CD54HC04, CD54HCT04,
CD74HC04, CD74HCT04
High Speed CMOS Logic Hex Inverter
[ /Title
(CD54H
C04,
CD54H
CT04,
CD74H
C04,
CD74H
CT04)
/Subject
(High
Speed


Similar Part No. - CD54HC04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD54HC04F TI-CD54HC04F Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

Similar Description - CD54HC04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_06 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com