Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH2805S Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MCH2805S
Description  MCH/MGH Single and Dual DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2805S Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MCH2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 8Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 5 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
MCH
28 12 D / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
SMD NUMBERS
MODEL NUMBERING KEY
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9569601HXC
5962-9569701HXC
5962-9569801HXC
5962-9570201HXC
5962-9570301HXC
5962-9570401HXC
MCH SERIES
SIMILAR PART
MCH2805S/883
MCH2812S/883
MCH2815S/883
MCH2805D/883
MCH2812D/883
MCH2815D/883
For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr
Model Selection
MCH28
Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows
Vout value
for singles: 5, 5R2, 12, 15
duals: 5, 12, 15
R” = decimal point, 3R3 = 3.3 VDC
Number of outputs
S (single) or D (dual)
Case option
standard (case A2, leave blank)
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)
MCH Model Selection Table (see next page for MGH options)


Similar Part No. - MCH2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2805S/883 INTERPOINT-MCH2805S/883 Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2805S/883 INTERPOINT-MCH2805S/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Similar Description - MCH2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com