Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH2812S Datasheet(PDF) 10 Page - Crane Aerospace & Electronics.

Part # MCH2812S
Description  MCH/MGH Single and Dual DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2812S Datasheet(HTML) 10 Page - Crane Aerospace & Electronics.

Back Button MCH2812S Datasheet HTML 6Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 7Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 8Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 9Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 10Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 11Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 12Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 13Page - Crane Aerospace & Electronics. MCH2812S Datasheet HTML 14Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Notes:
1. Specified at 50% load.
2. Max. spec indicates 80% of the converter’s total available power. This 80%
is available from either output.
3. Specification applies to both + and –Vout.
4. Although no minimum load is required, at no load the output voltage may
increase up to 15%.
5. Cross regulation is specified as the effect on –Vout for the following percent
ages of total output power: +Po = 20% and
–Po = 80% to +Po=80% and –Po=20%
6. Lin = 2 μH.
7. Max. duration of short circuit: 25°C – 90 seconds; 125°C – 30 seconds.
8. Load fault is a short circuit (<50 mohms). Recovery into resistive full load.
9. Input step transition ≥ 10 μs.Recovery is time to settle to within 1% of Vout
final value.
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 10 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
MGH DUAL OUTPUT MODELS
MGH2805D
MGH2812D
MGH2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
1
Tc = 25°C
±4.95
±5
±5.05
±11.88
±12
±12.12
±14.85
±15
±15.15
VDC
Tc = –55°C TO +125°C
±4.80
±5
±5.20
±11.52
±12
±12.48
±14.40
±15
±15.60
OUTPUT CURRENT
2
V
IN
= 12 to 50 VDC
0
±150
240
0
±62.5
100
0
±50
80
mA
OUTPUT POWER
V
IN
= 12 to 50 VDC
0
1.5
0
1.5
0
1.5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
35
150
35
150
30
150
VOLTAGE +V
OUT
Tc = –55°C TO +125°C
50
250
40
250
35
250
mV p-p
–V
OUT
10 kHz - 2 MHz
35
150
35
150
30
150
Tc = –55°C TO +125°C
50
250
40
250
35
250
LINE REGULATION
3
VIN = 12 to 50 VDC
10
50
100
300
165
500
V
Tc = –55°C TO +125°C
20
100
110
400
180
650
LOAD
REGULATION
3, 4
10% TO FULL LOAD
300
600
550
1100
600
1300
–55°C TO +125°C
350
700
570
1200
630
1400
mV
50% TO FULL LOAD
80
200
115
250
125
300
–55°C TO +125°C
100
300
130
350
135
400
CROSS
REGULATION
5
–V
OUT
400
500
500
mV
INPUT VOLTAGE
CONTINUOUS
12
28
50
12
28
50
12
28
50
VDC
NO LOAD TO FULL
TRANSIENT 120 ms
0
80
0
80
0
70
V
INPUT CURRENT
NO LOAD
5.0
10
7.5
13
7.5
13
Tc = –55°C TO +125°C
6.0
12
8.0
14
8.0
14
FULL LOAD
69
73
70
73
71
74
mA
Tc = –55°C TO +125°C
72
77
71
77
72
78
INHIBITED
2.3
3.2
2.3
3.2
2.3
3.2
Tc = –55°C TO +125°C
2.4
3.5
2.4
3.5
2.4
3.5
INPUT RIPPLE
6
10 kHz - 10 MHz
100
200
115
200
90
200
mA p-p
CURRENT
Tc = –55°C TO +125°C
130
250
150
250
120
250
EFFICIENCY
Tc = 25°C
73
77
73
77
72
76
%
Tc = –55°C TO +125°C
70
75
70
75
69
74
LOAD FAULT
7,8
POWER DISSIPATION
1.4
2.2
2.5
3.8
2.7
4.1
W
Tc = –55°C TO +125°C
1.6
2.5
2.7
4.2
3.0
4.5
RECOVERY
3.7
15
3.2
15
4.0
15
ms
Tc = –55°C TO +125°C
3.8
20
3.2
20
4.0
20
STEP LOAD
TRANSIENT
–300
130
300
–600
250
600
–600
250
600
mV pk
RESPONSE
9
Tc = –55°C TO +125°C
–400
140
400
–700
260
700
–700
270
700
±V
out
RECOVERY
100
400
165
700
50
200
μs
50 %–100%– 50%
–55°C TO +125°C
100
500
165
800
50
300
STEP LINE
TRANSIENT
–250
125
250
–500
240
500
–500
220
500
mV pk
RESPONSE
19
Tc = –55°C TO +125°C
–300
130
300
–600
250
600
–600
230
600
±V
out
RECOVERY
0.6
2.5
0.9
3.0
0.6
3.0
ms
12 TO 50 TO 12 V
IN
Tc = –55°C TO +125°C
0.6
3.0
0.9
4.0
0.7
4.0
START–UP
DELAY
8
25
8
25
8
25
ms
0 TO 28 VDC, ± V
out
Tc = –55°C TO +125°C
10
45
10
45
10
45
OVERSHOOT
0
100
0
250
0
750
mV pk
Tc = –55°C TO +125°C
0
150
0
350
0
900
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.


Similar Part No. - MCH2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MCH2812S INTERPOINT-MCH2812S Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2812S/883 INTERPOINT-MCH2812S/883 Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2812S/883 INTERPOINT-MCH2812S/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Similar Description - MCH2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com