Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHD2805S Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MHD2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHD2805S Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MHD2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MODELS
VDC OUTPUT
B2-47
SINGLE
5
12
15
18
DUAL
±5
±12
±15
DESCRIPTION
The MHD Series™ of DC/DC converters offers up to 20 watts of
output power over the full military temperature range with up to 84%
efficiency. Thick-film hybrid techniques provide military/aerospace
reliability levels and optimum miniaturization. The MHD Series
power density rating is up to 21 watts/in3.
MHD converters are packaged in hermetically sealed metal cases,
making them ideal for use in military, aerospace and other high reli-
ability applications. Units are available with standard screening,
“ES” screening, or fully compliant SMD versions (see Section C2 for
screening conditions).
CONVERTER DESIGN
The MHD converters are constant frequency, pulse-width mod-
ulated switching regulators which use a quasi-square wave, single
ended, forward converter design. Tight load regulation (5 mV
typical) is maintained via wide bandwidth magnetic feedback and,
on single output models, through use of remote sense. On dual
output models, the positive output is independently regulated and
the negative output is cross regulated through the use of tightly
coupled magnetics and shunt regulators.
Indefinite short circuit protection and overload protection are
provided by a constant current-limit feature. This protective system
senses current in the converter’s secondary stage and limits it to
approximately 115% of the maximum rated output current.
MHD converters are provided with internal filtering capacitors that
help reduce the need for external components in normal operation.
For systems that require compliance with MIL-STD-461C’s CE03
standard, Interpoint offers filter/transient suppression modules
(including the FMC-461, FMD-461 and FM-704A series filters) which
will result in compliance. Contact your Interpoint representative for
further details.
SYNCHRONIZATION
The MHD offers a synchronization feature that allows the designer
to match the switching frequency of the converter to the frequency
of the system clock. In free-run (unsynchronized) mode, the MHD
unit switches at 625 kHz (nominal). In sync mode, the converter will
run at any frequency between 500 kHz and 675 kHz. The sync
control operates with a quasi-TTL signal at any duty cycle between
40% and 60%.
Synchronizing the converter with the system clock allows the
designer to confine switching noise to clock transitions, minimizing
interference and reducing the need for filtering. The sync pin should
be connected to input common pin when not in use.
WIDE VOLTAGE RANGE
The MHD converters are designed to provide full power operation
over a full 16 to 40 VDC voltage range. Operation below 16 volts,
including MIL-STD-704E emergency power conditions is possible
with derated power. Refer to the low line dropout graph (Figure 15)
for details.
IMPROVED DYNAMIC RESPONSE
The MHD feed-forward compensation system provides excellent
dynamic response and noise rejection. Audio rejection is typically 50
dB. The min. to maximum step line transient response is typically
less than 4%.
INHIBIT FUNCTION
MHD converters provide an inhibit terminal that can be used to
disable internal switching, resulting in no output and very low
quiescent input current. The converter is inhibited when a TTL
compatible low (
≤0.8 V) is applied to the inhibit pin. The unit is
enabled when the pin, which is internally connected to a pull-up
resistor, is left unconnected or is connected to an open-collector
gate. The open circuit output voltage associated with the inhibit pin
is 9 to 11 V. In the inhibit mode, a maximum of 8 mA must be sunk
from the inhibit pin.
DC/DC CONVERTERS
28 VOLT INPUT
MHD SERIES
20 WATT
FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully Isolated
• Magnetic feedback
• Fixed frequency
• Topology – Single Ended Forward
• 50 V for up to 50 ms
transient protection
• Inhibit and synchronization functions
• Indefinite short circuit protection
• Up to 84% efficiency, 21 watts/in3
Size (max.): Non-flanged, case H2
2.125 x 1.125 x 0.400 inches (53.98 x 28.58 x 10.16 mm)
Flanged case, K3
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm)
See Section B8, cases H2 and K3 for dimensions.
Weight:
52 grams max., flanged 55 grams max.
Screening:
Standard, ES, or 883 (Class H). See Section C2 for screening
options, see Section A5 for ordering information.


Similar Part No. - MHD2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHD2805S INTERPOINT-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
MHD2805SF/883 INTERPOINT-MHD2805SF/883 Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHD2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com