Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFLHP2815D Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MFLHP2815D
Description  MFLHP Single and Dual DC/DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFLHP2815D Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MFLHP2815D Datasheet HTML 2Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 3Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 4Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 5Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 6Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 7Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 8Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 9Page - Crane Aerospace & Electronics. MFLHP2815D Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical Characteristics: –55°C to +100°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes:
1. Guaranteed by design, not tested.
2. Unit will shut down above approximately 45V but will be undamaged
and will restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
4. Transition time ≥ 10 μs.
SINGLE OUTPUT MODELS
MFLHP2805S
MFLHP2812S
MFLHP2815S
UNITS
PARAMETER
CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
OUTPUT VOLTAGE
TC = 25°C
4.95 5.00 5.05 11.88 12.00 12.12 14.85 15.00 15.15
VDC
OUTPUT CURRENT
VIN = 19 TO 40 VDC
0
16 0
7.5 0
6.67
A
OUTPUT POWER
VIN = 19 TO 40 VDC
0
80 0
90 0
100
W
OUTPUT RIPPLE
10 KHZ - 2 MHZ
TC = 25°C
TC = -55°C TO +100°C
15
35
30
75
30
75
45
125
30
85
45
150
mV p-p
LINE REGULATION
VIN = 19 TO 40 VDC
0
20 —
0
20 —
0
20
mV
LOAD REGULATION
NO LOAD TO FULL
0
20 —
0
20 —
0
20
mV
INPUT VOLTAGE
NO LOAD TO FULL
CONTINUOUS
19
28
40
80
19
28
40
80
19
28
40
80
VDC
V
TRANSIENT2 50 msec.1
INPUT CURRENT
NO LOAD
70
120
9
14
35
70
50
120
9
14
35
70
50
120
9
14
35
70
mA
INHIBITED–INH1
INHIBITED–INH2
INPUT RIPPLE
CURRENT
10 KHZ - 10 MHZ
15
50 —
15
50 —
15
50
mA p-p
EFFICIENCY
TC = 25°C
78
80
— 83
86
— 84
87
%
LOAD FAULT
TC = 25°C
POWER DISSIPATION
SHORT CIRCUIT
15
20
1.5
4
15
20
1.5
4
15
20
1.5
4
W
m sec
RECOVERY1
STEP LOAD
RESPONSE
50% - 100% - 50%
TRANSIENT
350
450
1.5
3.0
450
700
1.5
3.0
450
700
1.5
3.0
mV pk
m sec
RECOVERY3
STEP LINE
RESPONSE
19 - 40 -19 VDC
TRANSIENT1, 4
250
400
200
300
250
400
200
300
250
400
200
300
mV pk
μs
RECOVERY1, 3
START-UP
DELAY
3.5
6
0
25
3.5
6
0
50
3.5
6
0
50
m sec
mV pk
OVERSHOOT1
Crane Aerospace & Electronics Power Solutions
MFLHP Single and Dual DC/DC Converters
28 VOLT INPUT – 100 WATT
www.craneae.com
Page 6 of 11
Rev D - 20070703


Similar Part No. - MFLHP2815D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFLHP2815D INTERPOINT-MFLHP2815D Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFLHP2815D/ES INTERPOINT-MFLHP2815D/ES Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MFLHP2815D

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com