Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHF+2815S Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part # MHF+2815S
Description  MHF Single, Dual and Triple DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF+2815S Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MHF+2815S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHF+2815S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MHF+ Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 5 of 20
Rev K - 20060613
www.craneae.com
28 VOLT INPUT – 15 WATT
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
Single and dual models:
• 16 to 40 VDC continuous
• 50 V for up to 50 msec transient
Triple models:
• 16 to 48 VDC continuous
• 80 V for up to 120 msec
Output Power
• 12 to 15 watts depending on model
Power Dissipation (Pd)
• 6 watts single and dual, 12 watts triple
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
• 150 ppm/°C maximum
Input to Output Capacitance
• 60 pF typical
Current Limit
• 115% of full load typical (130% typical triple)
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 50 dB typical
Conversion Frequency (55°C to +125°C Tc)
• Free run 550 kHz typical (375 minimum, 500 kHz maximum triple)
• External sync range 480 kHz min, 620 kHz max(400 to 600 kHz triple)
Inhibit Pin Voltage (unit enabled)
• 8.5 to 12 V, 10 V typical
Undervoltage Lockout
• 14 V input typical
SYNC AND INHIBIT
Sync In (500 to 600 kHz single and dual, 400 to 600 kHz
triple)
• Duty cycle 40% to 60%
• Logic low 0.8 V max
• Logic high 4 V min, 5 V max
• If not used, connect to input common (on triple models,
leave unconnected)
• Referenced to input common
Sync Out - Referenced to input common
Inhibit: TTL Open Collector
• Logic low (output disabled)
Logic low voltage ≤0.8 V max
Inhibit pin current 4.0 mA max
(3.0 typ, 5.0 max triple models)
• Referenced to input common
Logic high (output enabled)
Open collector or unconnected (single and dual)
Unconnected or 11 to 40 V (triple)
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
Non flanged 1.460 x 1.130 x 0.330 (37.08 x 28.70 x 8.38 mm)
Flanged 2.005 x 1.130 x 0.330 (50.93 x 28.70 x 8.38 mm)
See cases E1, E2, G1 and G2 for dimensions.
Weight (maximum)
Single and dual models: 30 grams typical
Triple models: 32 grams typical
Screening
Standard, ES or 883 (Class H). See “883, Class H, QML
Products – Element Evaluation” and “883, Class H, QML
Products – Environmental Screening” for more information.


Similar Part No. - MHF+2815S

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF-10 ADAM-TECH-MHF-10 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-14 ADAM-TECH-MHF-14 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-16 ADAM-TECH-MHF-16 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-20 ADAM-TECH-MHF-20 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-24 ADAM-TECH-MHF-24 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF+2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com