Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT161M96E4 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74ACT161M96E4
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT161M96E4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74ACT161M96E4 Datasheet HTML 3Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 4Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 5Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 6Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 7Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 8Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 9Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 10Page - Texas Instruments CD74ACT161M96E4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CD54ACT161, CD74ACT161
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS298B – APRIL 2000 – REVISED MARCH 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.5 V
4.4
4.4
4.4
VOH
VI =VIH or VIL
IOH = –24 mA
4.5 V
3.94
3.7
3.8
V
VOH
VI = VIH or VIL
IOH = –50 mA†
5.5 V
3.85
V
IOH = –75 mA†
5.5 V
3.85
IOL = 50 µA
4.5 V
0.1
0.1
0.1
VOL
VI =VIH or VIL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
VOL
VI = VIH or VIL
IOL = 50 mA†
5.5 V
1.65
V
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
µA
DICC‡
VI = VCC – 2.1 V
4.5 V to
5.5 V
2.4
3
2.8
mA
Ci
10
10
10
pF
† Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize
power dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C.
‡ Additional quiescent supply current per input pin, TTL inputs high, 1 unit load
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD
A, B, C, or D
0.13
CLK
1
CLR, ENT
0.83
LOAD
0.67
ENP
0.5
Unit Load is
∆ICC limit specified in electrical
characteristics table (e.g., 2.4 mA at 25
°C).
timing requirements over recommended operating conditions (unless otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
80
91
MHz
t
Pulse duration
CLK high or low
6.2
5.4
ns
tw
Pulse duration
CLR low
6
5.3
ns
t
Setup time before CLK
A, B, C, or D
5
4.4
ns
tsu
Setup time, before CLK
LOAD
6
5.3
ns
th
Hold time after CLK
A, B, C, or D
0
0
ns
th
Hold time, after CLK
ENP or ENT
0
0
ns
trec
Recovery time, CLR
↑ before CLK↑
6
5.3
ns


Similar Part No. - CD74ACT161M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT163 TI-CD74ACT163 Datasheet
142Kb / 10P
[Old version datasheet]   CD54ACT161 CD74ACT161
CD74ACT163 TI-CD74ACT163 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD74ACT163E TI-CD74ACT163E Datasheet
142Kb / 10P
[Old version datasheet]   CD54ACT161 CD74ACT161
CD74ACT163E TI-CD74ACT163E Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD74ACT163EE4 TI-CD74ACT163EE4 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - CD74ACT161M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com