Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT541SM96E4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT541SM96E4
Description  OCTAL BUFFER/LINE DRIVERS, 3-STATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT541SM96E4 Datasheet(HTML) 2 Page - Texas Instruments

  CD74ACT541SM96E4 Datasheet HTML 1Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 2Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 3Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 4Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 5Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 6Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 7Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 8Page - Texas Instruments CD74ACT541SM96E4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MAXIMUM RATINGS,
Absolute-Maximum Values:
DC SUPPLY-VOLTAGE (VCC)
–0.5 to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC INPUT DIODE CURRENT, IIK (for VI < –0.5 or VI > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC OUTPUT DIODE CURRENT, IOK (for VO < –0.5 or VO > VCC + 0.5 V)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC OUTPUT SOURCE OR SINK CURRENT per Output Pin, IO (for VO > –0.5 or VO < VCC + 0.5 V)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . .
DC VCC OR GROUND CURRENT (ICC or IGND)
±100 mA*
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PACKAGE THERMAL IMPEDANCE,
θJA (see Note 1): E package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
STORAGE TEMPERATURE (Tstg)
–65 to +150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LEAD TEMPERATURE (DURING SOLDERING):
At distance 1/16
± 1/32 in. (1.59 ± 0.79 mm) from case for 10 s maximum
+265
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Unit inserted into PC board min. thickness 1/16 in. (1.59 mm) with solder contacting lead tips only
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . .
* For up to 4 outputs per device: add
±25 mA for each additional output.
NOTE 1:
The package thermal impedance is calculated in accordance with JESD 51.


Similar Part No. - CD74ACT541SM96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT541SM96E4 TI1-CD74ACT541SM96E4 Datasheet
1Mb / 18P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-state
More results

Similar Description - CD74ACT541SM96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC540 TI-CD54AC540_08 Datasheet
665Kb / 15P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC240 TI-CD54AC240_08 Datasheet
624Kb / 16P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC240 TI-CD54AC240 Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC540 TI1-CD54AC540_16 Datasheet
1Mb / 18P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-state
CD54AC540 TI-CD54AC540 Datasheet
541Kb / 16P
[Old version datasheet]   Octal Buffer/Line Drivers, 2-State
logo
Mitsubishi Electric Sem...
M74LS244P MITSUBISHI-M74LS244P Datasheet
224Kb / 4P
   OCTAL BUFFER/LINE DRIVERS WITH 3-STATE OUTPUT(NONINVERTED)
logo
Texas Instruments
CD74ACT241M TI-CD74ACT241M Datasheet
782Kb / 17P
[Old version datasheet]   Octal Vuffer Line Drivers 3-State
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com