Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4538 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4538
Description  High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4538 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC4538 Datasheet HTML 2Page - Texas Instruments CD54HC4538 Datasheet HTML 3Page - Texas Instruments CD54HC4538 Datasheet HTML 4Page - Texas Instruments CD54HC4538 Datasheet HTML 5Page - Texas Instruments CD54HC4538 Datasheet HTML 6Page - Texas Instruments CD54HC4538 Datasheet HTML 7Page - Texas Instruments CD54HC4538 Datasheet HTML 8Page - Texas Instruments CD54HC4538 Datasheet HTML 9Page - Texas Instruments CD54HC4538 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
HCT Input Loading Table
INPUT
UNIT LOADS
All
0.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.
360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Input Pulse Widths
tWH, tWL
A, B
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
RtWL
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Reset Recovery Time
tREC
25
-
-
5
-
-
5
-
-
ns
4.5
5
-
-
5
-
-
5
-
-
ns
65
-
-
5
-
-
5
-
-
ns
Retrigger Time
(Figure 11)
trr
5
-
175
-
-
-
-
-
-
-
ns
HCT TYPES
Input Pulse Widths
tWH, tWL
A, B
4.5
16
-
-
20
-
-
24
-
-
ns
RtWL
4.5
20
-
-
25
-
-
30
-
-
ns
Reset Recovery Time
tREC
4.5
5
-
-
5
-
-
5
-
-
ns
Retrigger Time
(Figure 11)
trr
5
-
175
-
-
-
-
-
-
-
ns
CD54HC4538, CD74HC4538, CD74HCT4538


Similar Part No. - CD54HC4538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4538 TI-CD54HC4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538F TI-CD54HC4538F Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538F TI-CD54HC4538F Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538F3A TI-CD54HC4538F3A Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
More results

Similar Description - CD54HC4538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com