Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2812SF Datasheet(PDF) 10 Page - Crane Aerospace & Electronics.

Part # MHV2812SF
Description  MHV Single, Dual and Triple DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2812SF Datasheet(HTML) 10 Page - Crane Aerospace & Electronics.

Back Button MHV2812SF Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 9Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 10Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 11Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 12Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 13Page - Crane Aerospace & Electronics. MHV2812SF Datasheet HTML 14Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converter Cases
Crane Aerospace & Electronics Power Solutions
Page 10 of 14
Rev D - 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
0.155 (3.94)
0.955 (24.26)
0.155 (3.94)
0.955 (24.26)
6
10
7
8
9
Bathtub
Seam Seal
0.040 dia
(1.02)
0.000
1.110 max. (28.19)
12
6
10
CASE H2
BOTTOM VIEW
345
7
8
9
0.000
1.110 (28.19)
12
345
Squared corner and dot on top
of case indicate pin one.
Squared corner and dot on top
of case indicate pin one.
Seal hole: 0.092 ±0.002 (2.34 ±0.05)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal
Case H2, Rev C - 20060109
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
FIGURE 8: CASE H2 - MHV TRIPLE


Similar Part No. - MHV2812SF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV2812SF/883 INTERPOINT-MHV2812SF/883 Datasheet
241Kb / 14P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHV2812SF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com