Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR289R5S Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MOR289R5S
Description  MOR Single and Dual DC/DC Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR289R5S Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MOR289R5S Datasheet HTML 1Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 2Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR289R5S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 2 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
Positive
Input
Input
Common
Output
Common
Positive
Output
100
Ω
100
Ω
Positive
Sense
Sense
Return
+
_
+
_
Secondary VCC
VS+
Share
Function
VRef
Share
Trim
Secondary VCC
Inhibit 2
PWM
Controller
Sync
In / Out
VIn
UVLO
Sync In
Sync Out
FET
Driver
Bias
Supply
Inhibit 1
1.7
μΗ
0.5
μΗ
1.3
μΗ
0.1
μΗ
6
μF
0.1
Ω
6
μF
0.015
μF
500 V
0.015
μF
500 V
600
μF
600
μF
FIGURE 1: SIMPLIFIED SCHEMATIC – MOR2805S, SINGLE 5 VOLT OUTPUT – TYPICAL VALUES
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 16 to 40 VDC continuous
• 50 V for 120 msec transient
Output Power
• 66 to 120 W, depending on model
Power Dissipation (Pd)
• 30 W
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135° C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 150 pF typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 40 dB typical
Conversion Frequency
• Free run mode, 25°C, 550 kHz typical
480 kHz. min, 580 kHz max
• External sync range 525 to 625 kHz
Inhibit Pin Voltage (unit enabled)
• INH1 = 13 V typ, INH2 = 8 V typical
Undervoltage Lockout
• 15.5 V input typical
SYNC AND INHIBIT
Sync In (525 to 625 kHz)
• Logic low 0.8 V max, duty cycle 15% to 50%
• Logic high 4.5 V min, 9 V max
• Referenced to input common
Sync Out - Referenced to input common
Inhibit (INH1, INH2) : TTL Open Collector
• Logic low (output disabled), V = 0.2 V max.
• INH1 referenced to input common
• INH2 referenced to output common
• Logic high (output enabled) open collector
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
Available in a variety of packages. See cases U, V, W, Y, and Z
for dimensions.
Weight (maximum)
110 grams typical
Screening
Standard, ES, or 883 (Class H, QML). See “883, Class H, QML Products –
Environmental Screeing” for more information.


Similar Part No. - MOR289R5S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR289R5S INTERPOINT-MOR289R5S Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
MOR289R5SY/883 INTERPOINT-MOR289R5SY/883 Datasheet
465Kb / 16P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MOR289R5S

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com