Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA2815S Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MSA2815S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSA2815S Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

  MSA2815S Datasheet HTML 1Page - Crane Aerospace & Electronics. MSA2815S Datasheet HTML 2Page - Crane Aerospace & Electronics. MSA2815S Datasheet HTML 3Page - Crane Aerospace & Electronics. MSA2815S Datasheet HTML 4Page - Crane Aerospace & Electronics. MSA2815S Datasheet HTML 5Page - Crane Aerospace & Electronics. MSA2815S Datasheet HTML 6Page - Crane Aerospace & Electronics. MSA2815S Datasheet HTML 7Page - Crane Aerospace & Electronics. MSA2815S Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MSA SERIES
5 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 17
OUTPUT POWER (Watts)
50 mV DROP
LOW LINE DROPOUT VS. LOAD
12
17
16
15
14
13
123456
MSA2805S
MSA2815S
MSA2812S
500
µs/div
MSA2815D TURN-ON INTO NO LOAD
VIN
+VOUT
–VOUT
FIGURE 14
OUTPUT LOAD (+VOUT % / –VOUT %)
90–10% LOAD on +V, 10-90% LOAD on –V
MSA DUAL CROSS REGULATION
–10
0
10
90/10
70/30
50/50
30/70
10/90
–8
–6
–4
–2
2
4
6
8
2815D
2812D
FIGURE 15
OUTPUT POWER (Watts)
50 mV DROP
LOW LINE DROPOUT VS. LOAD
12
17
16
15
14
13
123456
MSA2812D
MSA2815D
FIGURE 18
FIGURE 16
OUTPUT LOAD (%)
COND. A: 50% LOAD +V; 10% to 50% –V
COND. B: 50% LOAD –V; 10% to 50% +V
MSA DUAL CROSS REGULATION
–5
0
5
10
20
30
40
50
–4
–3
–2
–1
1
2
3
4
2815D
2812D
2812D
COND B
COND A


Similar Part No. - MSA2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MSA2815S/883 INTERPOINT-MSA2815S/883 Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2815S/883 INTERPOINT-MSA2815S/883 Datasheet
340Kb / 15P
   MSA/MGA Single and Dual DC-DC Converters
More results

Similar Description - MSA2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com