Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2815DF Datasheet(PDF) 8 Page - Crane Aerospace & Electronics.

Part # MHV2815DF
Description  MHV Single, Dual and Triple DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2815DF Datasheet(HTML) 8 Page - Crane Aerospace & Electronics.

Back Button MHV2815DF Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 9Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 10Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 11Page - Crane Aerospace & Electronics. MHV2815DF Datasheet HTML 12Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Notes
1. Guaranteed by design, not tested.
2. The sum of the 12 volt auxiliary output currents may not exceed 416 mA.
The sum of the 15 volt auxiliary output currents may not exceed 333 mA.
3. The sum of the auxiliary output power may not exceed 5 watts.
4. Cross regulation occurs between the two auxiliaries and is measured on –aux. +5 is held
constant at 2.0 A. Cross regulation is specified for two conditions:
A. Positive aux. = 2.5 W; -(50%) negative aux. = 2.5 W to 0.5 W (50% to 10%).
B. From +Po = 70% and -Po = 30% to + Po = 30% and -Po =70%.
Above conditions are referenced to 50%/50% balanced loads.
5. Load fault is a short circuit (<50 mΩ). Recovery is into a resistive load.
6. Load step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
7. Input step transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 8 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
TRIPLE OUTPUT MODELS
MHV28512T
MHV28515T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
MAIN
4.95
5.0
5.05
4.95
5.0
5.05
+ AUXILIARY
11.88
12.0
12.12
14.85
15.0
15.15
VDC
– AUXILIARY
11.82
12.0
12.18
14.77
15.0
15.23
OUTPUT CURRENT2
MAIN
0
2.0
0
2.0
VIN = 16 TO 50
+ AUXILIARY
0.208
0.333
0.167
0.267
A
– AUXILIARY
0.208
0.333
0.167
0.267
TOTAL
2.416
2.333
OUTPUT POWER3
MAIN
10
10
VIN = 16 TO 50
+ AUXILIARY
4
4
W
– AUXILIARY
---
4
_
4
TOTAL
15
15
OUTPUT RIPPLE
10 kHz to 2 MHz
MAIN
8
22
8
22
VOLTAGE Tc= -55° to +125°C 10 kHz to 2 MHz
± AUXILIARY
9
22
9
22
mV p-p
LINE REGULATION
MAIN
0
5
0
5
VIN = MIN. TO MAX.
+AUXILIARY
5
35
7
35
mV
– AUXILIARY
7
40
7
40
LOAD REGULATION
MAIN
10
20
10
20
+AUXILIARY
10
30
10
30
mV
– AUXILIARY
40
70
40
80
CROSS REGULATION4
- AUXILIARY CONDITION A & B
400
800
400
800
mV
INPUT VOLTAGE1
CONTINUOUS
16
28
50
16
28
50
VDC
TRANSIENT 120 ms
80
80
INPUT CURRENT
NO LOAD
30
37
34
41
mA
INHIBITED
8.4
10
8.4
10
INPUT RIPPLE CURRENT
Tc= -55° to +125°C
10 kHz to 10 MHz
10
30
10
30
mA p-p
EFFICIENCY
76
78
75
78
%
LOAD FAULT /
POWER DISSIPATION
MAIN
9
9
W
W
SHORT CIRCUIT4
± AUXILIARY
9
9
RECOVERY - EACH OPUTPUT
---
---
25
---
---
25
mS
STEP LOAD RESPONSE6, 7 TRANSIENT
MAIN
250
250
± AUXILIARY
550
550
mV
RECOVERY
MAIN
2.5
2.5
ms
± AUXILIARY
3.5
3.5
START-UP7
DELAY EACH OUTPUT
7
15
7
15
ms
OVERSHOT
MAIN
---
---
100
---
---
100
± AUXILIARY
---
---
240
---
---
300
mV pk
CAPACITIVE LOAD1
MAIN˜
---
---
200
---
---
200
μF
± AUXILIARY
---
---
100
---
---
100
STEPLINE RESPONSE7
TRANSIENT1
MAIN
400
400
± AUXILIARY
500
500
mV pk
RECOVERY1
MAIN
3
3
mS
± AUXILIARY
4
4
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.


Similar Part No. - MHV2815DF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV2815DF/883 INTERPOINT-MHV2815DF/883 Datasheet
241Kb / 14P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHV2815DF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com