Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA2815D Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # MSA2815D
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSA2815D Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MSA2815D Datasheet HTML 1Page - Crane Aerospace & Electronics. MSA2815D Datasheet HTML 2Page - Crane Aerospace & Electronics. MSA2815D Datasheet HTML 3Page - Crane Aerospace & Electronics. MSA2815D Datasheet HTML 4Page - Crane Aerospace & Electronics. MSA2815D Datasheet HTML 5Page - Crane Aerospace & Electronics. MSA2815D Datasheet HTML 6Page - Crane Aerospace & Electronics. MSA2815D Datasheet HTML 7Page - Crane Aerospace & Electronics. MSA2815D Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MSA SERIES
5 WATT
DC/DC CONVERTERS
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1. Up to 4 watts (80% of full power) is available from either output providing the
opposite output is carrying 20% of total power.
2. Shows regulation effect on the minus output during the defined cross loading
conditions. See Figures 15 and 16.
3. Indefinite short circuit protection not guaranteed above 125°C (case).
4. Recovery time is measured from application of the transient to point at which
VOUT is within 1% of VOUT at final value.
5. Transition time >10µs.
DUAL OUTPUT MODELS
MSA 2805D
MSA2812D
MSA2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.9
5.0
5.1
11.76
12.00
12.24
14.70
15.00
15.30
OUTPUT CURRENT1
VIN = 16 to 40 VDC
Tc = –55°C to +125°C
±500
800
±208
333
±167
267
mA
OUTPUT POWER1
VIN = 16 to 40 VDC
Tc = –55°C to +125°C
5
5
5
W
OUTPUT RIPPLE VOLT.
10 kHz - 2 MHz
150
40
140
60
150
mV p-p
LINE REGULATION
Tc = –55°C to +125°C
Vin = 16 to 40 VDC
+VOUT
10
25
10
50
10
50
mV
–VOUT
40
75
40
180
40
180
LOAD REGULATION
Tc = –55°C to +125°C
NO LOAD TO FULL
+VOUT
10
50
10
50
10
50
mV
–VOUT
50
200
50
200
50
200
CROSS REGULATION2
+PO = 20 - 80 %, –PO = 80 - 20%
—10
20
8
15
7
15
–PO = 20 - 80 %, +PO = 80 - 20%
%
+PO = 50 - 10 %, –PO = 50%
5
8
3.7
6
3
6
–PO = 50 - 10 %, +PO = 50%
INPUT VOLTAGE
NO LOAD TO FULL
Tc = –55°C to +125°
˜CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 50 msec
50
50
50
V
INPUT CURRENT
NO LOAD
30
35
33
58
38
60
Tc = –55°C to +125°C
FULL LOAD
248
235
235
mA
INHIBITED
3
5
3
5
3
5
INPUT RIPPLE
10 kHz TO 10 MHz
25
80
25
100
25
100
CURRENT
Tc = –55°C to +125°C
30
160
30
150
30
150
mA p-p
EFFICIENCY
68
72
69
75
70
75
%
LOAD FAULT3, 4
POWER DISSIPATION
SHORT CIRCUIT
1.3
1.8
1.3
1.7
1.3
1.6
W
RECOVERY
50
1
10
1
10
ms
STEP LOAD
50% - 100% - 50% BALANCED
RESPONSE4, 5
TRANSIENT
±150
±300
±750
±300
±750
mV
RECOVERY
100
200
500
500
1250
µs
STEP LINE RESP.4, 5
TRANSIENT
16 TO 40 VDC
±750
±50
±125
±150
±375
40 TO 16 VDC
±500
±50
±125
±100
±250
mV pk
RECOVERY
16 TO 40 VDC
1200
150
375
250
625
40 TO 16 VDC
1200
400
1000
800
2000
µs
START-UP
DELAY
25
3
10
3
10
ms
OVERSHOOT
500
0
120
0
150
mV pk


Similar Part No. - MSA2815D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MSA2815D/883 INTERPOINT-MSA2815D/883 Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2815D/883 INTERPOINT-MSA2815D/883 Datasheet
340Kb / 15P
   MSA/MGA Single and Dual DC-DC Converters
More results

Similar Description - MSA2815D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com