Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHF+28512T Datasheet(PDF) 10 Page - Crane Aerospace & Electronics.

Part # MHF+28512T
Description  MHF Single, Dual and Triple DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF+28512T Datasheet(HTML) 10 Page - Crane Aerospace & Electronics.

Back Button MHF+28512T Datasheet HTML 6Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 7Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 8Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 9Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 10Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 11Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 12Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 13Page - Crane Aerospace & Electronics. MHF+28512T Datasheet HTML 14Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MHF+ Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 10 of 20
Rev K - 20060613
www.craneae.com
28 VOLT INPUT – 15 WATT
DUAL OUTPUT MODELS
MHF+2805D
MHF+2812D
MHF+2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.92
5.00
5.08
11.82
12.00
1218
14.78
15.00
15.23
OUTPUT CURRENT1
VIN = 16 to 40 VDC
±1.2
1.92
±0.625
1.125
±0.500
0.900
A
OUTPUT POWER1
VIN = 16 to 40 VDC
12
15
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
30
80
30
80
30
80
VOLTAGE ±VOUT
Tc = –55°C to +125°C
60
120
60
120
50
120
mV p-p
LINE REGULATION
BALANCED +VOUT
5
50
5
50
5
50
mV
Vin = 16 to 40 VDC
LOAD
–VOUT
80
100
100
LOAD REGULATION
BALANCED +VOUT
20
50
20
50
20
50
mV
LOAD
–VOUT
100
100
100
CROSS REGULATION2
NEGATIVE VOUT
6
7.5
3
6
3
6
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 msec
50
50
50
V
INPUT CURRENT
NO LOAD
20
40
25
50
25
50
FULL LOAD
540
600
645
754
638
754
mA
INHIBITED
6
12
5
12
5
12
INPUT RIPPLE
10 kHz - 10 MHz
20
50
35
60
35
60
CURRENT
Tc = –55°C to +125°C
40
80
50
100
50
100
mA p-p
EFFICIENCY
77
79
76
83
76
84
%
LOAD FAULT
SHORT CIRCUIT3
POWER DISSIPATION
3
6
3
6
3
6
W
RECOVERY4
7.5
30
7.5
50
7.5
50
ms
STEP LOAD RESP.5
50% – 100% – 50%
BALANCED LOADS
TRANSIENT
+VOUT
–600
200
600
–600
300
600
–600
300
600
mV pk
–VOUT
–600
150
600
–600
100
600
–600
100
600
RECOVERY4
150
500
200
400
200
500
μs
STEP LINE RESP.
16 – 40 – 40 VDC
±VOUT
TRANSIENT6
–800
600
800
–750
550
750
–750
550
750
mV pk
RECOVERY4
0.8
1.2
0.8
1.2
0.8
1.2
ms
START-UP
DELAY
12
20
12
25
12
25
ms
OVERSHOOT7
0
100
250
0
200
750
0
200
750
mV pk
Notes
1. Up to 13.5 watts, 90% (9.6W, 80% for 2805D) of the total output power is
available from either output providing the opposite output is simultaneously
carrying 10% (20% for 2805D) of the total output power. Each
output must carry a minimum of 10% (20% for 2805D) of the total output
power in order to maintain regulation on the negative output.
2. Effect on –Vout for the following conditions:
+Po = 50% to 10% and –Po = 50%
+Po = 50% and –Po = 50% to 10%
3. Indefinite short circuit protection not guaranteed above 125°C (case)
4. Recovery time is measured from application of the transient to point at
which Vout is within regulation.
5. Response of either output with the opposite output held at half of the total
output power.
6. Input step transition time >10 μs.
7. Input step transition time <100 μs.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.


Similar Part No. - MHF+28512T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF-10 ADAM-TECH-MHF-10 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-14 ADAM-TECH-MHF-14 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-16 ADAM-TECH-MHF-16 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-20 ADAM-TECH-MHF-20 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-24 ADAM-TECH-MHF-24 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF+28512T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com