Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHF+28515T Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MHF+28515T
Description  MHF Single, Dual and Triple DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF+28515T Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MHF+28515T Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 6Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 7Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 8Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 9Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 10Page - Crane Aerospace & Electronics. MHF+28515T Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MHF+ Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 20
Rev K - 20060613
www.craneae.com
28 VOLT INPUT – 15 WATT
SMD NUMBERS
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-0251001HXC
5962-9213901HXC
5962-0325301HXC
5962-9166401HXC
5962-9160101HXC
5962-9689801HXC
5962-9555901HXC
5962-9214401HXC
5962-9161401HXC
5962-9560101HXC
5962-9560201HXC
MHF+
SIMILAR PART
MHF+283R3S/883
MHF+2805S/883
MHF+285R2S/883
MHF+2812S/883
MHF+2815S/883
MHF+2828S/883
MHF+2805D/883
MHF+2812D/883
MHF+2815D/883
MHF+28512T/883
MHF+28515T/883
For exact specifications for an SMD product, refer to the SMD
drawing. SMDs can be downloaded from
http://www.dscc.dla.mil/programs/smcr
Flanged SMDs have the suffix HZC instead of HXC.
Model Selection
MHF+28
Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows
Vout value
singles: 3R3,5,5R2,12,15,28
duals: 5,12,15
triples*: 512 or 515
“R” = decimal point, 3R3 = 3.3VDC
Number of outputs
S (single), D (dual) or T (triple)
Case option
non-flanged, leave blank
F - flanged
Screening
standard screening, leave blank
/ES (ES screening), /883 (Class H, QML)
* for triple models “5” indicates the main voltage, “12” or“15” indicate the ± auxiliary voltages.
MHF+
28 12 D
F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual, T = Triple)
(R = decimal point, 3R3 = 3.3 Vout;
(Standard screening has no designator
in this position.)
Case Option
(Non-flanged case has no designator in
this position)
Main and aux. Vout for triple models)
MODEL NUMBERING KEY


Similar Part No. - MHF+28515T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF-10 ADAM-TECH-MHF-10 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-14 ADAM-TECH-MHF-14 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-16 ADAM-TECH-MHF-16 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-20 ADAM-TECH-MHF-20 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-24 ADAM-TECH-MHF-24 Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF+28515T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com