Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHDZ-2BH-0.33G Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # QHDZ-2BH-0.33G
Description  QUAD HYBRID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHDZ-2BH-0.33G Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  QHDZ-2BH-0.33G Datasheet HTML 1Page - Merrimac Industries, Inc. QHDZ-2BH-0.33G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
MOUNTING CONFIGURATION
.055 TYP.
.080
.074
.505
.345
GROUND PLANE
Ground plane of unit should
be soldered to ground plane
of circuit board for optimum
performance
.074
50 OHM LINE
.032 DIELECTRIC THICKNESS
ER= 3.38
.845
Coupling
-4
-3.8
-3.6
-3.4
-3.2
-3
-2.8
-2.6
-2.4
-2.2
-2
225
242.5
260
277.5
295
312.5
330
347.5
365
382.5
400
Frequency (MHz)
Direct
Coupled
Isolation
-40
-35
-30
-25
-20
-15
-10
-5
0
225
242.5
260
277.5
295
312.5
330
347.5
365
382.5
400
Frequency (MHz)
VSWR
1
1.05
1.1
1.15
1.2
1.25
1.3
225
242.5
260
277.5
295
312.5
330
347.5
365
382.5
400
Frequency (MHz)
Port 1
Port 2
Port 3
Port 4
Phase Balance
-95
-94
-93
-92
-91
-90
-89
-88
-87
-86
-85
225
242.5
260
277.5
295
312.5
330
347.5
365
382.5
400
Frequency (MHz)
TRUTH TABLE
1
2
3
4
1
Input
Iso
-90°
2
Iso
Input
-90°
3
-90°
Input
Iso
4
-90°
Iso
Input


Similar Part No. - QHDZ-2BH-0.33G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2BH-0.15G MERRIMAC-QHDZ-2BH-0.15G Datasheet
157Kb / 2P
   QUAD HYBRID
More results

Similar Description - QHDZ-2BH-0.33G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHDZ-2H-1.1G MERRIMAC-QHDZ-2H-1.1G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2H-1.9G MERRIMAC-QHD-2H-1.9G Datasheet
143Kb / 2P
   QUAD HYBRID
QHD-2H-3.0G MERRIMAC-QHD-2H-3.0G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2H-1.85G MERRIMAC-QHD-2H-1.85G Datasheet
147Kb / 2P
   QUAD HYBRID
QHD-2M-3.0G MERRIMAC-QHD-2M-3.0G Datasheet
133Kb / 5P
   QUAD HYBRID
QHD-2N-2.1G MERRIMAC-QHD-2N-2.1G Datasheet
151Kb / 2P
   QUAD HYBRID
QHD-2SH-1.9G MERRIMAC-QHD-2SH-1.9G Datasheet
158Kb / 2P
   QUAD HYBRID
QHD-2Z-3.5G MERRIMAC-QHD-2Z-3.5G Datasheet
163Kb / 2P
   QUAD HYBRID
QHD-3C-1.11G MERRIMAC-QHD-3C-1.11G Datasheet
94Kb / 2P
   QUAD HYBRID
QHDZ-2H-1.5G MERRIMAC-QHDZ-2H-1.5G Datasheet
165Kb / 2P
   QUAD HYBRID
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com