Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2812SZ Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # MOR2812SZ
Description  MOR Single and Dual DC/DC Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR2812SZ Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button MOR2812SZ Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 11Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 12Page - Crane Aerospace & Electronics. MOR2812SZ Datasheet HTML 13Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 9 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
DUAL OUTPUT MODELS
MOR286R3D
MOR289R5D
MOR2812D
MOR2815D
PARAMETER
CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE5
+VOUT
6.24
6.30
6.36
9.41
9.50
9.58
11.88 12.00 12.12
14.85 15.00 15.15
VDC
–VOUT
6.22
6.30
6.38
9.36
9.50
9.63
11.82 12.00 12.18
14.77 15.00 15.23
OUTPUT CURRENT6
VIN = 16 to 40 VDC
±8
16
±5.53 11.05
±4.58 9.16
±4.00 8.00
A6
OUTPUT POWER
VIN = 16 to 40 VDC
100
105
110
120
W
OUTPUT RIPPLE
10 kHz - 20 MHz
VOLTAGE
Tc = –55°C to +125°C
50
100
75
120
75
120
75
150
mV p-p
+VOUT / –VOUT
10 kHz - 2 MHz
Tc = –55°C to +125°C
30
60
50
80
50
100
50
120
LINE REGULATION
+VOUT
25
50
25
50
25
50
25
50
mV
VIN = 16 to 40 VDC
–VOUT
50
160
50
100
50
100
50
100
LOAD REGULATION
+VOUT
25
50
25
50
25
50
25
50
mV
–VOUT
50
200
50
200
50
200
50
200
CROSS REGULATION7
NEGATIVE VOUT
5
8
47
3
5
24
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 msec1
50
50
50
50
V
INPUT CURRENT
NO LOAD
70
140
70
140
70
140
70
140
mA
INHIBITED - INH1
10
10
10
10
mA
INHIBITED - INH2
70
60
70
70
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
130
130
130
130
mA p-p
EFFICIENCY
81
83
82
84
84
86
85
87
%
LOAD FAULT
POWER DISSIPATION
OVERLOAD
30
30
30
30
W
SHORT CIRCUIT2
24
24
24
20
RECOVERY1
10
10
10
10
ms
STEP LOAD RESP.
50% – 100% — 50%
±VOUT
TRANSIENT
500
500
600
600
mV pk
RECOVERY3
300
300
300
300
μs
STEP LINE RESP.
16 – 40 – 16 VDC
±VOUT
TRANSIENT1, 4
500
600
600
750
mV pk
RECOVERY1, 3
300
300
300
300
μs
START-UP8
DELAY
10
10
10
10
ms
OVERSHOOT1
50
50
50
50
mV pk
INHIBIT PIN CURRENT1
UNIT INHIBITED
0.1
1.0
0.1
1.0
0.1
1.0
0.1
1.0
mA
CAPACITIVE LOAD1
NO EFFECT ON DC
PERFORMANCE
1000
1000
1000
1000
μF
Notes:
1. Guaranteed by design, not tested.
2. Short circuit is measured with a 10 m
Ω (±10%)resisitive load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 μs
5. Output voltage for dual output models is measured at half load.
6. The maximum specification is the total output current/power. Up to 70%
of that total is available from either output provided the other output
maintains a minimum of 15% the total power used.
7. Effect on negative Vout from 50%/50% loads to 70%/30% or 30%/70%
loads.
8. Tested on release from inhibit.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.


Similar Part No. - MOR2812SZ

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR2812S INTERPOINT-MOR2812S Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
MOR2812SY/883 INTERPOINT-MOR2812SY/883 Datasheet
465Kb / 16P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MOR2812SZ

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com