Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR289R5DZ Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MOR289R5DZ
Description  MOR Single and Dual DC/DC Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR289R5DZ Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MOR289R5DZ Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR289R5DZ Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
SINGLE OUTPUT MODELS
MOR283R3S
MOR2805S
MOR286R3S
MOR289R5S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
3.25
3.30
3.35
4.95
5.00
5.05
6.24
6.30
6.36
9.40
9.50 9.60
VDC
OUTPUT CURRENT
VIN = 16 to 40 VDC
0
20
0
20
0
16
0
11
A
OUTPUT POWER
VIN = 16 to 40 VDC
0
66
0
100
0
100
0
105
W
OUTPUT RIPPLE
10 kHz - 20 MHz
VOLTAGE
Tc = –55°C to +125°C
30
80
30
80
75
100
75
120
mV p-p
10 kHz - 2 MHz
Tc = –55°C to +125°C
20
50
20
50
50
60
50
80
LINE REGULATION
VIN = 16 to 40 VDC
0
20
0
20
0
20
0
20
mV
LOAD REGULATION
NO LOAD TO FULL
0
20
0
20
0
20
0
30
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 ms1
50
50
50
50
V
INPUT CURRENT
NO LOAD
70
130
70
130
70
130
70
130
mA
INHIBITED - INH1
10
10
10
10
mA
INHIBITED - INH2
70
70
70
70
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
40
90
50
130
50
100
50
130
mA pp
EFFICIENCY
74
78
78
81
81
83
81
84
%
LOAD FAULT
POWER DISSIPATION
OVERLOAD
27
30
30
30
W
SHORT CIRCUIT2
22
27
24
24
RECOVERY1
10
10
10
10
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
250
250
500
500
mV pk
RECOVERY3
200
200
300
300
μs
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT1, 4
400
400
500
500
mV pk
RECOVERY1, 3
300
300
300
300
μs
START-UP5
DELAY
10
10
10
10
ms
OVERSHOOT1
0
25
0
50
0
50
0
50
mV pk
INHIBIT PIN CURRENT1
UNIT INHIBITED
0.1
1.0
0.1
1.0
0.1
1.0
0.1
1.0
mA
CAPACITIVE LOAD1
NO EFFECT ON DC
PERFORMANCE
1000
1000
1000
1000
μF
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes:
1. Guaranteed by design, not tested.
2. Short circuit is measured with a 10 m
Ω (±10%)resisitive load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 μs
5. Tested on release from inhibit.


Similar Part No. - MOR289R5DZ

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR289R5D INTERPOINT-MOR289R5D Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
MOR289R5DY/883 INTERPOINT-MOR289R5DY/883 Datasheet
465Kb / 16P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MOR289R5DZ

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com