Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP600-60BR3 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP600-60BR3
Description  540 Watts N1 Redundant Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP600-60BR3 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP600-60BR3 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Output Characteristics
Output Voltage
Minimum Load
Maximum
Load
Load
Reg.
Line
Reg.
Ripple & Noise
+3.3V
0A
40.0A
±5%
± 1%
50mV P-P
+5V
3.3A
50.0A
±5%
± 1%
50mV P-P
+12V
2.2A
32.0A
±5%
± 1%
120mV P-P
-5V
0.0A
0.6A
± 10%
± 1%
100mV P-P
-12V
0.0A
1.6A
± 10%
± 1%
150mV P-P
+5Vsb
0.0A
4.0A
±5%
± 1%
50mV P-P
*+5V and +3.3V total output shall not exceed 282W
*+5V, +12V and +3.3V total output shall not exceed 502W
* Total output power shall not exceed 540W
Input Characteristics (On each Module)
Input Range: 90~264V AC, Full Range Input
Frequency: 47~63Hz
Input Current: 6A (RMS) @115V AC, 3A (RMS) @230V AC
Inrush Current: Comply with EN 61000-3-3
Specification
Temperature Range: Operating +5° C ~ +40° C on full
load; storage & shipping -10° C ~ +50° C
Humidity: 90% on operating and 95% on storage
Dielectric Withstand: Input to frame ground 1800V AC
for 1 second
Efficiency: 65% typical measured at 115V AC main
voltage and frequency full load
Rise Time: 50ms maximum
Hold-up Time: 20ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ms to 500
ms, off delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Not exceed 3.5mA at nominal input
MTBF: 100,000 hours on maximum load at +25° C degree
Dimension (WxHxL): 150x86x290mm/5.9”x3.4”x11.4”
inches
Features
Complied with EPS12V standard
Hot swappable N+1 redundant
Active Power Factor Correction Meeting with EN61000-3-2
High efficiency and reliability
Remote On/Off function
Internal 12V DC fan included on each module
Low noise and ripple
Complies with FCC part 15 subpart J Class B and CISPR 22
Class B
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
LED Indicator, PS failure signal, and Fan failure signal
+3.3V, +5V, and +12V Remote Sensing
Approved by cUL/UL 60950, TUV EN60950, NEMKO
EN60950 (CB Report), CE
Sparkle Power Inc.
A Leading Power Supply manufacturer
Web site: www.sparklepower.com
FSP600-60BR3
540 Watts N+1 Redundant Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645


Similar Part No. - FSP600-60BR3

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP600-60EGA SPI-FSP600-60EGA Datasheet
69Kb / 1P
   600 Watts ATX12V 2.3 and EPS 12V Switching Power Supply
FSP600-60MRA SPI-FSP600-60MRA Datasheet
70Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
logo
FSP TECHNOLOGY INC.
FSP600-60MRA FSP-FSP600-60MRA_15 Datasheet
168Kb / 1P
   industrial level of switching power
More results

Similar Description - FSP600-60BR3

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP620-80MR1 SPI-FSP620-80MR1 Datasheet
363Kb / 2P
   620 Watts, 11 Redundant Switching Power Supply
FSP500-80MR1 SPI-FSP500-80MR1 Datasheet
355Kb / 2P
   500 Watts, 11 Redundant Switching Power Supply
FSP350-50BR2 SPI-FSP350-50BR2 Datasheet
145Kb / 1P
   350 Watts 11 Redundant Switching Power Supply
SPR2C620 SPI-SPR2C620 Datasheet
89Kb / 1P
   620 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C350 SPI-SPR2C350 Datasheet
89Kb / 1P
   350 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
SPR2C520 SPI-SPR2C520 Datasheet
89Kb / 1P
   520 Watts 11, 2U Hot-Swap Redundant Switching Power Supply
FSP700-62R01 SPI-FSP700-62R01 Datasheet
77Kb / 1P
   350Watts 11 Redundant Switching Power Supply
FSP600-60MRA SPI-FSP600-60MRA Datasheet
70Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
FSP700-50DRS SPI-FSP700-50DRS Datasheet
53Kb / 1P
   700Watts 11 2U Redundant Switching Power Supply
FSP600-80MRA SPI-FSP600-80MRA Datasheet
75Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com