Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI250EP Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI250EP
Description  250 Watts ATX12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI250EP Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI250EP Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 100 ~ 264Vac , Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 4A @ 115Vac,2A @ 230Vac
Inrush Current: No damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +45°C , Full load at
25°C ; De-rate 1.5W/°C ; storage & shipping: -20°C ~
+65°C
Humidity: 90% on operating,95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 80% minimum
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.5A
7.0A
14A
± 5%
± 1%
50mV P-P
+5V
0.3A
6.0A
12A
± 5%
± 1%
50mV P-P
+12V1
1.0A
4.0A
8A
± 5%
± 1%
120mV P-P
+12V2
1.0A
6.5A
13A
± 5%
± 1%
120mV P-P
-12V
0.0A
0.15A
0.3A
± 10%
± 1%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
± 1%
50mV P-P
*+3.3V and +5V total output not exceed 106W.When +3.3V is load to 14A, the +5V maximum load is 12A.
*+12V1&+12V2 total output not exceed 204W.
* Total output for this subject power supply is 250W
SPI250EP
(80PLUS, RoHS Compliant)
250 Watts ATX+12V Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, CSA C22.2 NO. 60950-1, TUV
EN60950-1, NEMKO EN60950-1+CB report, FCC, EMC
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - SPI250EP

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI2501UH SPI-SPI2501UH Datasheet
299Kb / 1P
   250 Watts ATX12V 1U Switching Power Supply
SPI250A8AG SPI-SPI250A8AG Datasheet
808Kb / 2P
   250 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
SPI250F4BB SPI-SPI250F4BB Datasheet
76Kb / 1P
   250 Watts FLEX ATX Power Supply
SPI250U4BM8 SPI-SPI250U4BM8 Datasheet
58Kb / 1P
   250 Watts ATX12V 1U Medical Grade Power Supply
More results

Similar Description - SPI250EP

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP250-60GHC SPI-FSP250-60GHC Datasheet
256Kb / 1P
   250 Watts ATX12V Switching Power Supply
R-SPI250EP SPI-R-SPI250EP Datasheet
322Kb / 1P
   250 Watts ATX12V Switching Power Supply
FSP250-701US SPI-FSP250-701US Datasheet
92Kb / 1P
   250 Watts ATX 12V, 1U Switching Power Supply
FSP250-60GHN SPI-FSP250-60GHN Datasheet
249Kb / 1P
   250 Watts ATX12V Swithcing Power Supply
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
   1200 Watts ATX 12V Switching Power Supply
FSP400-60GHC SPI-FSP400-60GHC Datasheet
259Kb / 1P
   400 Watts ATX12V Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
   500 Watts ATX12V Switching Power Supply
FSP460-60GHC SPI-FSP460-60GHC Datasheet
262Kb / 1P
   460 Watts ATX12V Switching Power Supply
FSP300-60GHC SPI-FSP300-60GHC Datasheet
257Kb / 1P
   300 Watts ATX12V Switching Power Supply
FSP350-60GHC SPI-FSP350-60GHC Datasheet
260Kb / 1P
   350 Watts ATX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com