Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI350PFB Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI350PFB
Description  350 Watts ATX12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI350PFB Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI350PFB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.3A
10A
20A
± 5%
50mV P-P
+5V
0.5A
10A
20A
± 5%
50mV P-P
+12V1
1.0A
8A
16A
± 5%
120mV P-P
+12V2
1.0A
8A
16A
± 5%
100mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 150W
* Total output for this subject power supply is 350W
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 43 ~ 63Hz
Input Current: Max 6A (RMS) @ 115Vac, 3A (RMS) @ 230Vac
Inrush Current: No damage at cold start
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 5-90% on operating,5-95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 80% minimum, typical up to 87%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4inch
SPI350PFB
(80PLUS, RoHS Compliant)
350 Watts ATX12V Switching Power Supply
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN609
report,FCC,EMC
50-1,CB 60950-1


Similar Part No. - SPI350PFB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI350PFB2 SPI-SPI350PFB2 Datasheet
308Kb / 1P
   350 Watts ATX12V Switching Power Supply
More results

Similar Description - SPI350PFB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP350-60BT SPI-FSP350-60BT Datasheet
141Kb / 1P
   350 Watts ATX12V Switching Power Supply
ATX-350GU SPI-ATX-350GU Datasheet
492Kb / 2P
   350 Watts ATX12V Switching Power Supply
FSP350-60BN SPI-FSP350-60BN Datasheet
140Kb / 1P
   350 Watts ATX12V Switching Power Supply
SPI350PFB2 SPI-SPI350PFB2 Datasheet
308Kb / 1P
   350 Watts ATX12V Switching Power Supply
FSP350-60PLN SPI-FSP350-60PLN Datasheet
30Kb / 1P
   350 Watts ATX12V Switching Power Supply
FSP350-60PN SPI-FSP350-60PN Datasheet
76Kb / 1P
   350 Watts ATX12V Switching Power Supply
FSP350-60GLC SPI-FSP350-60GLC Datasheet
311Kb / 2P
   350 Watts ATX12V-2.01, Switching Power Supply
ATX-350PA SPI-ATX-350PA Datasheet
408Kb / 2P
   350 Watts ATX12V-2.2 Switching Power Supply
ATX-350PN SPI-ATX-350PN Datasheet
414Kb / 2P
   350 Watts ATX12V 2.2 Switching Power Supply
R-SPI350GLN SPI-R-SPI350GLN Datasheet
71Kb / 1P
   350 Watts ATX12V 2.2 Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com