Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCK-1 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # ZCK-1
Description  Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ZCK-1 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  ZCK-1 Datasheet HTML 1Page - Systemsensor advanced ideas. ZCK-1 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D770-31-00
1
I56-1610-007R
ZCK-1, ZCK-1E, ZCK-1EG, ZCK-1EN and ZCK-50
Zonecheck Keyswitch for Control and Monitoring
of the Zonecheck Flow Switch Tester
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825OhioAvenue,St.Charles,Illinois60174
1-800-SENSOR2,FAX:630-377-6495
www.systemsensor.com
Electrical Specifications
OperatingVoltage:
ZCK-1:120V,60Hz;ZCK-1E,ZCK-1EG,ZCK-1ENandZCK-50:220VAC,50Hz,3wMax.
OperatingTemperature:
0°Cto49°C(32°Fto120°F)
OperatingHumidity:
5%to95%RH(non-condensing)
MountingOptions:
Includesbackboxforsurfaceorflushmounting.
Forpre-wiring,usea411/16˝x411/16˝backbox
OperationModes:
Self-test:Wiredlocally
Grouptest:Interconnected
LEDOperation:
Readystate:NoLED
Testinitiation:GreenLED
Flowswitchactivation:RedLED(ZCK-1),GreenLED(ZCK-1E,ZCK-1EG,ZCK-1ENandZCK-50)
TestedtoEN61010-1
WIRING DIAGRAM FOR STAND ALONE APPLICATION
}
}
AC GROUND
AC POWER
GND
JUNCTION BOX
AC
PUMP
PUMP
AC
WF INPUT
WATERFLOW
DETECTOR
INTER-CONNECT
PUMP
TO EARTH GND.
OR ATTACH TO
FOR INTERCONNECTING MULTIPLE ZONECHECK UNITS
}
}
}
}
WATERFLOW
DETECTOR
JUNCTION BOX
OR ATTACH TO
JUNCTION BOX
OR ATTACH TO
INTERCONNECT
SWITCH FOR
ZONECHECK
TO NEXT
AC GROUND
AC POWER
GND
AC
PUMP
PUMP
AC
TO EARTH GND.
PUMP
WF INPUT
INTER-CONNECT
PUMP
AC POWER
AC GROUND
TO EARTH GND.
PUMP
PUMP
AC
AC
GND
INTER-CONNECT
WF INPUT
WATERFLOW
DETECTOR
WIRING DIAGRAM FOR STAND ALONE APPLICATION
}
}
AC GROUND
AC POWER
GND
JUNCTION BOX
AC
PUMP
PUMP
AC
WF INPUT
WATERFLOW
DETECTOR
INTER-CONNECT
PUMP
TO EARTH GND.
OR ATTACH TO
FOR INTERCONNECTING MULTIPLE ZONECHECK UNITS
}
}
}
}
WATERFLOW
DETECTOR
JUNCTION BOX
OR ATTACH TO
JUNCTION BOX
OR ATTACH TO
INTERCONNECT
SWITCH FOR
ZONECHECK
TO NEXT
AC GROUND
AC POWER
GND
AC
PUMP
PUMP
AC
TO EARTH GND.
PUMP
WF INPUT
INTER-CONNECT
PUMP
AC POWER
AC GROUND
TO EARTH GND.
PUMP
PUMP
AC
AC
GND
INTER-CONNECT
WF INPUT
WATERFLOW
DETECTOR
NOTE: WF input not required for keyswitch operation if
waterflowdetectorisconnectedtopanelorothermonitor-
ingdevice.
ACpowerandpumpwiringmustconformtoNECoryour
localcodes.
WARNING
Ifthisproductisnotusedasspecified,itmaybecomeimpaired.
W0158-00
W0158-00


Similar Part No. - ZCK-1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZCKSD31 SCHNEIDER-ZCKSD31 Datasheet
147Kb / 3P
   Limit switch body, Limit switches XC Standard, ZCKS, 1NC2 NO, snap action, Pg13.5
Jan 13, 2022
ZCKSD39 SCHNEIDER-ZCKSD39 Datasheet
148Kb / 3P
   Limit switch body, Limit switches XC Standard, ZCKS, 2NC1 NO, snap action, Pg13.5
Jan 14, 2022
ZCKY59 SCHNEIDER-ZCKY59 Datasheet
70Kb / 2P
   Limit switch lever, Limit switches XC Standard, ZCKY, thermoplastic
Apr 6, 2023
More results

Similar Description - ZCK-1

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
PHOENIX CONTACT
2701625 PHOENIX-2701625 Datasheet
64Kb / 5P
   Generation and monitoring of the SafetyBridge protocol
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
   Monitoring and Control Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com