Electronic Components Datasheet Search |
|
BEAM1224 Datasheet(PDF) 9 Page - Systemsensor advanced ideas. |
|
BEAM1224 Datasheet(HTML) 9 Page - Systemsensor advanced ideas. |
9 / 13 page D400-73-00 9 I56-2294-004R APPENDIx I. OPERATION MODES AND TROUBLEShOOTINg gUIDE: Modes Red Yellow Green Dual Digital Display Readout Initiating Means Alarm Contacts Fault Contacts Comments & Troubleshooting Tips Alarm Remote Normal OFF OFF Blink OFF Successful completion of initialization or detector reset Open OFF Close Alignment OFF ON OFF On, Relative amount of signal 0-99, or – if automatic gain resetting, or Lo if signal is too low Alignment Switch Open OFF Open Alarm ON OFF OFF OFF Smoke, Test Filter, RTS451/KEY Close ON Close Trouble-Drift Comp Elevated Signal OFF 3 Quick Blinks Blink OFF Long Term Drift Reference Out of Range Open OFF Open • Sunlight into detector or reflector. • Re-Align detector. Trouble-Drift Comp Reduced Signal OFF 2 Quick Blinks Blink OFF Long Term Drift Reference Out of Range Open OFF Open Clean detector and reflector. Trouble-Signal Over Range OFF 2 Quick Blinks Blink OFF Increase of Reflected Signal Open OFF Open Inspect line of sight between detector and reflector for reflective objects in the pathway. Trouble-Beam Blockage Response OFF 4 Quick Blinks OFF OFF Beam Blockage Open OFF Open • Remove blockage. • Faulty unit. Initialization- Power On OFF Blink until complete Blink OFF Apply Power from discharged state. Open OFF Close Initialization- Alignment Exit OFF Blink until complete Blink OFF Depressing RESET switch after alignment Open OFF Close Local Test (BEAM1224S) Pass Result ON Blinking the amount of drift used. OFF OFF RTS451/KEY Close ON Close Detector remains in alarm until reset or time-out Local Test (BEAM1224S) Fail Result OFF On until reset or time-out Blink OFF RTS451/KEY Open OFF Open Detector remains in fault until reset or time-out Local Test (BEAM1224) Fail Result OFF Per fault mode Blink OFF RTS451/KEY Open OFF Open If local test fails will already be in fault Local Test (BEAM1224) Pass Result ON Blinking the amount of drift used. OFF OFF RTS451/KEY Close ON Close Blinks output by Yellow LED and Remote Trouble Output once the device has passed a local remote test: Percent The Detector Has Drifted Number Of Blinks Output <10% None <20% 1 <30% 2 <40% 3 <50% 4 <60% 5 <70% 6 <80% 7 <90% 8 <100% 9 |
Similar Part No. - BEAM1224 |
|
Similar Description - BEAM1224 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |