Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEAM1224 Datasheet(PDF) 10 Page - Systemsensor advanced ideas.

Part # BEAM1224
Description  Single-ended Reflected Type Projected Beam Smoke Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

BEAM1224 Datasheet(HTML) 10 Page - Systemsensor advanced ideas.

Back Button BEAM1224 Datasheet HTML 5Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 6Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 7Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 8Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 9Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 10Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 11Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 12Page - Systemsensor advanced ideas. BEAM1224 Datasheet HTML 13Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
APPENDIx II. DETECTOR DRILLINg TEMPLATE:
4.345˝
6.190˝
(157 mm)
(110 mm)
Scale = 1:1
D400-73-00
10
I56-2294-004R


Similar Part No. - BEAM1224

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
BEAM200 SYSTEMSENSOR-BEAM200 Datasheet
525Kb / 2P
   BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
BEAM200S SYSTEMSENSOR-BEAM200S Datasheet
525Kb / 2P
   BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
logo
Gamewell-FCI by Honeywe...
BEAMHK GAMEWELL-FCI-BEAMHK Datasheet
371Kb / 4P
   Intelligent beam smoke detector
BEAMHRK GAMEWELL-FCI-BEAMHRK Datasheet
371Kb / 4P
   Intelligent beam smoke detector
BEAMLRK GAMEWELL-FCI-BEAMLRK Datasheet
67Kb / 2P
   Single-ended reflected type beam smoke sensor
More results

Similar Description - BEAM1224

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ABD-2F GAMEWELL-FCI-ABD-2F Datasheet
67Kb / 2P
   Single-ended reflected type beam smoke sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
63Kb / 2P
   Single-Ended Reflected Type Beam Smoke Sensor
logo
Systemsensor advanced i...
6924 SYSTEMSENSOR-6924 Datasheet
330Kb / 12P
   Projected Beam Type Smoke Detector
BEAM200 SYSTEMSENSOR-BEAM200 Datasheet
525Kb / 2P
   BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
logo
Gamewell-FCI by Honeywe...
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
   Reflective Beam Smoke Detector
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
   Intelligent beam smoke detector
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
   Laser Smoke Detector
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com