Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4052EMS8E-4.2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4052EMS8E-4.2
Description  Lithium-Ion Battery Pulse Charger with Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4052EMS8E-4.2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4052EMS8E-4.2 Datasheet HTML 1Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 2Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 3Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 4Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 5Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 6Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 7Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 8Page - Linear Technology LTC4052EMS8E-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4052-4.2
5
405242f
BLOCK DIAGRA
4052 BD
+
+
+
+
+
+
VFLOAT
VRECHRG
VMIN
VMAX
CHARGE
PUMP
TRIPLER
LOGIC
+
TIMERS
8
2
5
4
3
7
1
+
+
VIN
SENSE
GATE
BAT
105mV
45mV
TRICKLE
FAST
1.23V
1.23V
THERMAL
SHUTDOWN
REFERENCE
OSCILLATOR
100ms
FILTER
6
40
µA
VIN
GND
TIMER
CHRG
SLEEP
ACPR
CLK
STOP
C/10
TEMP
IMAX
BAT
24mA
10m
PI FU CTIO S
A series RC network from the GATE to the VIN pin is
required to control the slew rate at the VIN pin when the
switch is turned on or off. The slew rate control prevents
excessive current from the capacitor usually located in the
wall adapter from flowing into the battery when the pass
transistor turns on.
BAT (Pin 8): Battery Sense Input Pin. An internal resistor
divider presets the final float voltage to 4.2V. If the BAT pin
drops below 4.05V after the charge cycle has ended, the
timer resets and a new charge cycle begins. This pin is
clamped to 4.7V if the battery is disconnected while
charging.


Similar Part No. - LTC4052EMS8E-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4052EMS8E-4.2 LINEAR-LTC4052EMS8E-4.2 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results

Similar Description - LTC4052EMS8E-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC1730-4.2 LINER-LTC1730-4.2_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC4052-4.2 LINER-LTC4052-4.2_15 Datasheet
176Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com