Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4056-4.2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4056-4.2
Description  Linear Li-Ion Charger with Termination in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4056-4.2 Datasheet(HTML) 2 Page - Linear Technology

  LTC4056-4.2 Datasheet HTML 1Page - Linear Technology LTC4056-4.2 Datasheet HTML 2Page - Linear Technology LTC4056-4.2 Datasheet HTML 3Page - Linear Technology LTC4056-4.2 Datasheet HTML 4Page - Linear Technology LTC4056-4.2 Datasheet HTML 5Page - Linear Technology LTC4056-4.2 Datasheet HTML 6Page - Linear Technology LTC4056-4.2 Datasheet HTML 7Page - Linear Technology LTC4056-4.2 Datasheet HTML 8Page - Linear Technology LTC4056-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4056-4.2
2
405642f
ORDER PART
NUMBER
TS8 PART
MARKING
TJMAX = 125°C, θJA = 120°C/W TO 200°C/W
DEPENDING ON PC BOARD LAYOUT
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTG5
LTC4056ETS8-4.2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V.
Input Supply Voltage (VCC) ........................– 0.3V to 10V
BAT, CHRG ................................................– 0.3V to 10V
DRIVE, PROG, TIMER/SHDN ....... – 0.3V to (VCC + 0.3V)
Output Current (ISENSE) ...................................... 900mA
Short-Circuit Duration (BAT, ISENSE) ............Continuous
Junction Temperature ........................................... 125
°C
Operating Ambient Temperature Range
(Note 2) .............................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
VCC
ISENSE
DRIVE
GND
8
7
6
5
CHRG
BAT
PROG
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC SOT-23
TIMER/
SHDN
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply
VCC
Input Supply Voltage (Note 3)
q
4.5
6.5
V
ICC
Quiescent VCC Supply Current
VBAT = 4.5V (Forces IDRIVE = 0)
IPROG = 200µA (RPROG = 5k)
q
400
600
µA
ISHDN
VCC Supply Current in Manual Shutdown
VTIMER/SHDN = 0V
40
60
µA
IBMS
Battery Drain Current in
VTIMER/SHDN = 0V
q
–1
0
1
µA
Manual Shutdown (Note 4)
IBSL
Battery Drain Current in
VCC = 0V
q
–1
0
1
µA
Sleep Mode (Note 5)
VUVLOI
Undervoltage Rising Threshold
VCC Increasing
q
4.325
4.40
4.475
V
VUVLOD
Undervoltage Falling Threshold
VCC Decreasing
q
4.275
4.35
4.425
V
VUVHYS
Undervoltage Hysteresis
VUVLOI-VUVLOD
50
mV
VUVCL
Undervoltage Charge Current Limit Threshold
4.575
V
VUVCL-VUVLOI UV Charge Current to UVLO Threshold Margin
q
90
170
250
mV
Charging Performance
VFLOAT
Output Float Voltage in
IBAT = 10mA
4.175
4.200
4.225
V
Constant Voltage Mode
IBAT = 10mA, 4.75V ≤ VCC ≤ 6.5V
q
4.158
4.200
4.242
V
IBAT
Output Full-Scale Current in
RPROG = 5k, 4.75V ≤ VCC ≤ 6.5V,
137
183
228
mA
Constant Current Mode
PNP Beta > 50, 0
°C ≤ TA ≤ 85°C
RPROG = 1.43k, 4.75V ≤ VCC ≤ 6.5V,
590
640
690
mA
PNP Beta > 50, 0
°C ≤ TA ≤ 85°C
IDSINK
Drive Output Current
VDRIVE = 3V
q
30
mA
ITRIKL
Trickle Charge Current
VBAT = 2V, RPROG = 5k
5
7
10
mA
VBAT = 2V, RPROG = 1.43k
12
20
28
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Falling
q
2.73
2.80
2.87
V
∆VTRIKL
Trickle Charge Hysteresis Voltage
45
70
95
mV
VPROG1
PROG Pin Voltage
RPROG = 5k (IPROG = 200µA)
q
0.98
1
1.02
V
VPROG2
PROG Pin Voltage
RPROG = 1.43k (IPROG = 700µA)
q
0.98
1
1.02
V


Similar Part No. - LTC4056-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4056-4.2 LINER-LTC4056-4.2_15 Datasheet
213Kb / 16P
   Linear Li-Ion Charger with Termination in ThinSOT
More results

Similar Description - LTC4056-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4056-4.2 LINER-LTC4056-4.2_15 Datasheet
213Kb / 16P
   Linear Li-Ion Charger with Termination in ThinSOT
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2 Datasheet
191Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2_15 Datasheet
220Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com