Electronic Components Datasheet Search |
|
2N3741 Datasheet(PDF) 1 Page - Savantic, Inc. |
|
2N3741 Datasheet(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2N3740 2N3741 DESCRIPTION · With TO-66 package ·Excellent safe area limits ·Low collector saturation voltage APPLICATIONS ·Suitable for use in as drivers,switches and medium-power amplifier and applications PINNING (See Fig.2) PIN DESCRIPTION 1 Base 2 Emitter 3 Collector ABSOLUTE MAXIMUM RATINGS (Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT 2N3740 -60 VCBO Collector-base voltage 2N3741 Open emitter -80 V 2N3740 -60 VCEO Collector-emitter voltage 2N3741 Open base -80 V VEBO Emitter-base voltage Open collector -7 V IC Collector current -4 A ICM Collector current-Peak -10 A IB Base current -2 mA PT Total power dissipation TC=25 25 W Tj Junction temperature 150 Tstg Storage temperature -65~200 THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT R(th) jc Thermal resistance from junction to case 7.0 /W Fig.1 simplified outline (TO-66) and symbol |
Similar Part No. - 2N3741 |
|
Similar Description - 2N3741 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |