Electronic Components Datasheet Search |
|
2N3772 Datasheet(PDF) 1 Page - Savantic, Inc. |
|
2N3772 Datasheet(HTML) 1 Page - Savantic, Inc. |
1 / 4 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors 2N3771 2N3772 DESCRIPTION ·With TO-3 package ·High power and high current capability APPLICATIONS ·For linear amplifiers, series pass regulators and inductive switching applications PINNING PIN DESCRIPTION 1 Base 2 Emitter 3 Collector Absolute maximum ratings(Ta= ) SYMBOL PARAMETER CONDITIONS VALUE UNIT 2N3771 50 VCBO Collector-base voltage 2N3772 Open emitter 100 V 2N3771 40 VCEO Collector-emitter voltage 2N3772 Open base 60 V 2N3771 5 VEBO Emitter-base voltage 2N3772 Open collector 7 V 2N3771 30 IC Collector current 2N3772 20 A ICM Collector current-peak 30 A 2N3771 7.5 IB Base current 2N3772 5.0 A IBM Base current-peak 15 A PD Total Power Dissipation TC=25 150 W Tj Junction temperature 200 Tstg Storage temperature -65~200 THERMAL CHARACTERISTICS SYMBOL PARAMETER VALUE UNIT Rth j-c Thermal resistance junction to case 1.17 /W Fig.1 simplified outline (TO-3) and symbol |
Similar Part No. - 2N3772 |
|
Similar Description - 2N3772 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |