Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5876 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # 2N5876
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N5876 Datasheet(HTML) 1 Page - Savantic, Inc.

  2N5876 Datasheet HTML 1Page - Savantic, Inc. 2N5876 Datasheet HTML 2Page - Savantic, Inc. 2N5876 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2N5875 2N5876
DESCRIPTION
·With TO-3 package
·Low collector saturation voltage
·Complement to type 2N5877 2N5878
APPLICATIONS
·For general-purpose power amplifier
and switching applications
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta= )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N5875
-60
VCBO
Collector-base voltage
2N5876
Open emitter
-80
V
2N5875
-60
VCEO
Collector-emitter voltage
2N5876
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-10
A
ICM
Collector current-peak
-20
A
IB
Base current
-4
A
PD
Total Power Dissipation
TC=25
150
W
Tj
Junction temperature
200
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.17
/W
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N5876

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5876 MOSPEC-2N5876 Datasheet
124Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
List of Unclassifed Man...
2N5876 ETC-2N5876 Datasheet
347Kb / 8P
   Power Transistors
logo
Seme LAB
2N5876 SEME-LAB-2N5876 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
2N5876 ISC-2N5876 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5876 NJSEMI-2N5876 Datasheet
300Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - 2N5876

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com