Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6445QFN-64 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS6445QFN-64
Description  QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6445QFN-64 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS6445QFN-64 Datasheet HTML 3Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 4Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 5Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 6Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 7Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 8Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 9Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 10Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
ADS6445-EP
www.ti.com ............................................................................................................................................................................................ SLAS573 – FEBRUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25°C, min and max values are across the full junction temperature range TJ,MIN = –55°C to TJ,MAX =
125°C, AVDD = LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input,
internal reference mode (unless otherwise noted).
ADS6445
Fs = 125 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Fin = 10 MHz
91
Fin = 50 MHz
87
Worst harmonic (other
Fin = 100 MHz
90
dBc
than HD2, HD3)
Fin = 170 MHz
88
Fin = 230 MHz
87
Fin = 10 MHz
86
Fin = 50 MHz
69
80
THD
Fin = 100 MHz
84.5
dBc
Total harmonic distortion
Fin = 170 MHz
73.5
Fin = 230 MHz
74
ENOB
10.95
11.7
Fin = 50 MHz
Bits
Effective number of bits
F1= 46.09 MHz,
88
IMD
F2 = 50.09 MHz
2-Tone inter-
dBFS
F1= 185.09 MHz,
86
modulation distortion
F2 = 190.09 MHz
Near channel
90
Cross-talk signal
frequency = 10 MHz
Cross-talk
dBc
Far channel
103
Cross-talk signal
frequency = 10 MHz
Recovery to within 1% (of final value) for 6-dB overload
1
Clock cycles
Input overload recovery
with sine wave input
AC PSRR
35
dBc
Power supply rejection
< 100 MHz signal, 100 mVPP on AVDD supply
ratio
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS6445-EP


Similar Part No. - ADS6445QFN-64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6445QFN-64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Analog Devices
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9645 AD-AD9645 Datasheet
966Kb / 36P
   Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com