Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6445QFN-64 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS6445QFN-64
Description  QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6445QFN-64 Datasheet(HTML) 1 Page - Texas Instruments

  ADS6445QFN-64 Datasheet HTML 1Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 2Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 3Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 4Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 5Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 6Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 7Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 8Page - Texas Instruments ADS6445QFN-64 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
ADS6445-EP
www.ti.com ............................................................................................................................................................................................ SLAS573 – FEBRUARY 2008
QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
• Supports Sine, LVCMOS, LVPECL, LVDS Clock
Inputs and Amplitude Down to 400 mVPP
• Controlled Baseline
• Internal Reference with External Reference
One Assembly
Support
Test Site
• No External Decoupling Required for
One Fabrication Site
References
• –55°C to 125°C Operating Junction
• 3.3-V Analog and Digital Supply
Temperature Range
• 64-pin QFN Package (9 mm × 9 mm)
• Enhanced Diminishing Manufacturing Sources
• Pin Compatible 12-Bit Family (ADS642x)
(DMS) Support
• Feature Compatible Dual Channel Family
• Enhanced Product-Change Notification
(ADS624x, ADS644x)
• Qualification Pedigree (1)
• Sample Rate: 125 MSPS
• 14-Bit Resolution with No Missing Codes
• Base-Station IF Receivers
• Simultaneous Sample and Hold
• Diversity Receivers
• 3.5-dB Coarse Gain and up to 6-dB
• Medical Imaging
Programmable Fine Gain for SFDR/SNR
• Test Equipment
Trade-Off
Table 1. ADS64XX Quad Channel Family(1)
• Serialized LVDS Outputs with Programmable
Internal Termination Option
125 MSPS
105 MSPS
80 MSPS
65 MSPS
(1)
Component qualification in accordance with JEDEC and
ADS644X
ADS6445
ADS6444
ADS6443
ADS6442
industry standards to ensure reliable operation over an
14 Bit
extended temperature range. This includes, but is not limited
ADS642X
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
ADS6425
ADS6424
ADS6423
ADS6422
12 Bit
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
(1)
Product Preview for ADS6444, ADS6443, ADS6442 and
performance and environmental limits.
ADS642X family
Table 2. Performance Summary
ADS6445
ADS6444
ADS6443
ADS6442
Fin = 10 MHz (0 dB gain)
87
91
92
93
SFDR, dBc
Fin = 170 MHz (3.5 dB gain)
79
83
84
84
Fin = 10 MHz (0 dB gain)
73.4
73.4
74.2
74.3
SINAD, dBFS
Fin = 170 MHz (3.5 dB gain)
68.3
69.3
69.4
70
Power, per channel, mW
420
340
300
265
The ADS6445/ADS6444/ADS6443/ADS6442 (ADS644X) is a family of high performance 14 bit 125/105/80/65
MSPS quad channel A-D converters. Serial LVDS data outputs reduce the number of interface lines, resulting in
a compact 64 pin QFN package (9 mm × 9 mm) that allows for high system integration density. The device
includes 3.5 dB coarse gain option that can be used to improve SFDR performance with little degradation in
SNR. In addition to the coarse gain, fine gain options also exist, programmable in 1 dB steps up to 6 dB.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS6445QFN-64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6445QFN-64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Analog Devices
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9645 AD-AD9645 Datasheet
966Kb / 36P
   Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com