Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1508 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # 2SB1508
Description  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB1508 Datasheet(HTML) 1 Page - Savantic, Inc.

  2SB1508 Datasheet HTML 1Page - Savantic, Inc. 2SB1508 Datasheet HTML 2Page - Savantic, Inc. 2SB1508 Datasheet HTML 3Page - Savantic, Inc. 2SB1508 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1508
DESCRIPTION
·With TO-3PML package
·Low collector saturation voltage
·Complement to type 2SD2281
·Wide area of safe operation
APPLICATIONS
·For use in relay drivers ,high-speed
Inverters,converters
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VCBO
Collector-base voltage
Open emitter
-60
V
VCEO
Collector-emitter voltage
Open base
-50
V
VEBO
Emitter-base voltage
Open collector
-6
V
IC
Collector current
-12
A
ICM
Collector current-peak
-25
A
Ta=25
3.0
PC
Collector power dissipation
TC=25
45
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-3PML) and symbol


Similar Part No. - 2SB1508

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1508 SANYO-2SB1508 Datasheet
103Kb / 3P
   High-Current Switching Applications
logo
Quanzhou Jinmei Electro...
2SB1508 JMNIC-2SB1508 Datasheet
215Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1508 ISC-2SB1508 Datasheet
183Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1508 SAVANTIC-2SB1508 Datasheet
212Kb / 4P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1508 NJSEMI-2SB1508 Datasheet
139Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SB1508

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com