Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT824A Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74FCT824A
Description  BiCMOS FCT Interface Logic, 9-Bit D-Type Flip-Flops, Three-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT824A Datasheet(HTML) 5 Page - Texas Instruments

  CD74FCT824A Datasheet HTML 1Page - Texas Instruments CD74FCT824A Datasheet HTML 2Page - Texas Instruments CD74FCT824A Datasheet HTML 3Page - Texas Instruments CD74FCT824A Datasheet HTML 4Page - Texas Instruments CD74FCT824A Datasheet HTML 5Page - Texas Instruments CD74FCT824A Datasheet HTML 6Page - Texas Instruments CD74FCT824A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8-5
CD74FCT823A, CD74FCT824A
Test Circuits and Waveforms
NOTE:
9. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; ZOUT ≤ 50Ω;
tf, tr ≤ 2.5ns.
FIGURE 1. TEST CIRCUIT
FIGURE 2. SETUP, HOLD, AND RELEASE TIMING
FIGURE 3. PULSE WIDTH
FIGURE 4. ENABLE AND DISABLE TIMING
FIGURE 5. PROPAGATION DELAY
3V
0
DUT
PULSE ZO
GEN
7V
500
50pF
500
VCC
RT
RT = ZO
V0
CL
RL
RL
VI
tr, tf = 2.5ns
(NOTE 9)
SWITCH POSITION
TEST
SWITCH
tPLZ, tPZL, Open Drain
Closed
tPHZ, tPZH, tPLH, tPHL
Open
DEFINITIONS:
CL = Load capacitance, includes jig and probe
capacitance.
RT = Termination resistance, should be equal to ZOUT of
the Pulse Generator.
VIN = 0V to 3V.
Input: tr =tf = 2.5ns (10% to 90%), unless otherwise specified
ASYNCHRONOUS CONTROL
tH
tSH
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
tH
tSH
PRESET CLEAR
CLOCK ENABLE
ETC.
SYNCHRONOUS CONTROL
tREM
DATA
INPUT
TIMING
INPUT
tW
LOW-HIGH-LOW
PULSE
HIGH-LOW-HIGH
PULSE
1.5V
1.5V
3V
1.5V
0V
CONTROL INPUT
OUTPUT
NORMALLY LOW
OUTPUT
NORMALLY HIGH
SWITCH
OPEN
tPZL
3.5V
1.5V
1.5V
0V
tPLZ
tPHZ
tPZH
0V
3.5V
0.3V
0.3V
VOL
VOH
SWITCH
CLOSED
ENABLE
DISABLE
1.5V
3V
0V
1.5V
3V
0V
tPLH
SAME PHASE
INPUT TRANSITION
tPHL
tPLH
tPHL
OPPOSITE PHASE
INPUT TRANSITION
OUTPUT
1.5V
VOH
VOL


Similar Part No. - CD74FCT824A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT821A TI-CD74FCT821A Datasheet
40Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT821A TI1-CD74FCT821A Datasheet
223Kb / 9P
[Old version datasheet]   BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
CD74FCT821AEN TI-CD74FCT821AEN Datasheet
40Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT821AEN TI1-CD74FCT821AEN Datasheet
223Kb / 9P
[Old version datasheet]   BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
CD74FCT821AM TI-CD74FCT821AM Datasheet
40Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
More results

Similar Description - CD74FCT824A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT821A TI-CD74FCT821A Datasheet
40Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT564 TI-CD74FCT564 Datasheet
29Kb / 5P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
CD74FCT843A TI-CD74FCT843A Datasheet
33Kb / 6P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
[Old version datasheet]   BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
CD74FCT841A TI-CD74FCT841A Datasheet
18Kb / 2P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT861A TI1-CD74FCT861A Datasheet
101Kb / 10P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com