Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D44C11 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # D44C11
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

D44C11 Datasheet(HTML) 1 Page - Savantic, Inc.

  D44C11 Datasheet HTML 1Page - Savantic, Inc. D44C11 Datasheet HTML 2Page - Savantic, Inc. D44C11 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
D44C Series
DESCRIPTION
·With TO-220 package
·Complement to type D45C Series
·Very low collector saturation voltage
·Fast switching
APPLICATIONS
·Designed for various specific and
general purpose application
·Shunt and switching regulators
·Low and high frequency inverters
converters and etc.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
D44C1,2,3
40
D44C4,5,6
55
D44C7,8,9
70
VCBO
Collector-base voltage
D44C10,11,12
Open emitter
90
V
D44C1,2,3
30
D44C4,5,6
45
D44C7,8,9
60
VCEO
Collector-emitter voltage
D44C10,11,12
Open base
80
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current (DC)
4
A
ICM
Collector current -peak
6
A
IB
Base current (DC)
1
A
PD
Total power dissipation
TC=25
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150


Similar Part No. - D44C11

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
D44C11 BOCA-D44C11 Datasheet
148Kb / 3P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
D44C11 SAVANTIC-D44C11 Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
D44C11 NJSEMI-D44C11 Datasheet
645Kb / 3P
   Silicon NPN Power Transistors
logo
Central Semiconductor C...
D44C11 CENTRAL-D44C11 Datasheet
355Kb / 2P
   SILICON NPN POWER TRANSISTORS
logo
Inchange Semiconductor ...
D44C11 ISC-D44C11 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results

Similar Description - D44C11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com