Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP35C Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP35C
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP35C Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP35C Datasheet HTML 1Page - Savantic, Inc. TIP35C Datasheet HTML 2Page - Savantic, Inc. TIP35C Datasheet HTML 3Page - Savantic, Inc. TIP35C Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP35/35A/35B/35C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP35
40
TIP35A
60
TIP35B
80
V(SUS)CEO
Collector-emitter
sustaining voltage
TIP35C
IC=30mA ;IB=0
100
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=15A ;IB=1.5A
1.8
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=25A; IB=5A
4.0
V
VBE-1
Base-emitter on voltage
IC=15A ; VCE=4V
2.0
V
VBE-2
Base-emitter on voltage
IC=25A ; VCE=4V
4.0
V
TIP35/35A
VCE=30V; IB=0
ICEO
Collector
cut-off current
TIP35B/35C
VCE=60V; IB=0
1.0
mA
TIP35
VCE=40V;VEB=0
TIP35A
VCE=60V;VEB=0
TIP35B
VCE=80V;VEB=0
ICES
Collector
cut-off current
TIP35C
VCE=100V;VEB=0
0.7
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1.5A ; VCE=4V
25
hFE-2
DC current gain
IC=15A ; VCE=4V
15
75
fT
Transition frequency
IC=1A ; VCE=10V
3
MHz


Similar Part No. - TIP35C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP35C MOSPEC-TIP35C Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
Inchange Semiconductor ...
TIP35C ISC-TIP35C Datasheet
174Kb / 4P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
TIP35C FOSHAN-TIP35C Datasheet
852Kb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
logo
Motorola, Inc
TIP35C MOTOROLA-TIP35C Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Tiger Electronic Co.,Lt...
TIP35C TGS-TIP35C Datasheet
91Kb / 1P
   Complementary Silicon High Power Ttransistors
More results

Similar Description - TIP35C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com